Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8569GEDS/V
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Product Preview
WM8569
w
PP Rev 1.1 December 2005
17
AUDIO INTERFACE FORMATS
Audio data is applied to the internal DAC filters or output from the ADC filters, via the Digital Audio
Interface. 5 popular interface formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP Mode A
•
DSP Mode B
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the
exception of 32 bit right justified mode, which is not supported.
In left justified, right justified and I
2S modes, the digital audio interface receives DAC data on the DIN
input and outputs ADC data on DOUT. Audio Data for each stereo channel is time multiplexed with
DACLRC/ADCLRC indicating whether the left or right channel is present. DACLRC/ADCLRC is also
used as a timing reference to indicate the beginning or end of the data words.
In left justified, right justified and I
2S modes, the minimum number of BCLKs per LRC period is 2
times the selected word length. LRC must be high for a minimum of word length BCLKs and low for a
minimum of word length BCLKs. Any mark to space ratio on LRC is acceptable provided the above
requirements are met.
In DSP mode A or B, the DAC channels are time multiplexed onto DIN. LRC is used as a frame sync
signal to identify the MSB of the first word. The minimum number of DACBCLKs per DACLRC period
is 6 times the selected word length. Any mark to space ratio is acceptable on DACLRC provided the
rising edge is correctly positioned. The ADC data may also be output in DSP mode A or B, with
ADCLRC used as a frame sync to identify the MSB of the first word. The minimum number of
ADCBCLKs per ADCLRC period is 2 times the selected word length if only the ADC is being
operated.
LEFT JUSTIFIED MODE
In left justified mode, the MSB of DIN is sampled by the WM8569 on the first rising edge of
DACBCLK following a DACLRC transition. The MSB of the ADC data is output on DOUT and
changes on the same falling edge of ADCBCLK as ADCLRC and may be sampled on the rising edge
of BCLK. LRC is high during the left samples and low during the right samples (Figure 11).
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
DACBCLK/
ADCBCLK
DIN1/2/3/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 11 Left Justified Mode Timing Diagram
RIGHT JUSTIFIED MODE
In right justified mode, the LSB of DIN is sampled by the WM8569 on the rising edge of DACBCLK
preceding a DACLRC transition. The LSB of the ADC data is output on DOUT and changes on the
falling edge of ADCBCLK preceding a ADCLRC transition and may be sampled on the rising edge of
ADCBCLK. LRC are high during the left samples and low during the right samples (Figure 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com