Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8569GEDS/V
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Product Preview
WM8569
w
PP Rev 1.1 December 2005
23
DAC DIGITAL AUDIO INTERFACE CONTROL REGISTER
Interface format is selected via the DACFMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
1:0
DACFMT
[1:0]
00
Interface Format Select:
00 : Right justified mode
01: Left justified mode
10: I
2S mode
11: DSP mode A orB
In left justified, right justified or I
2S modes, the DACLRP register bit controls the polarity of DACLRC.
If this bit is set high, the expected polarity of DACLRC will be the opposite of that shown Figure 11,
Figure 12 and Figure 13. Note that if this feature is used as a means of swapping the left and right
channels, a 1 sample phase difference will be introduced. In DSP modes, the DACLRP register bit is
used to select between modes A and B.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
In left/right/I
2S Modes:
DACLRC Polarity (normal)
0 : Normal DACLRC polarity
1: Inverted DACLRC polarity
0000011
Interface Control
2
DACLRP
0
In DSP Mode:
0 : Mode A
1: Mode B
By default, DACLRC and DIN are sampled on the rising edge of DACBCLK and should ideally
change on the falling edge. Data sources that change DACLRC and DIN on the rising edge of
DACBCLK can be supported by setting the DACBCP register bit. Setting DACBCP to 1 inverts the
polarity of DACBCLK to the inverse of that shown in Figure 11 to Figure 17.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
3
DACBCP
0
DACBCLK Polarity (DSP Modes):
0: Normal BCLK polarity
1: Inverted BCLK polarity
The DACIWL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
5:4
DACIWL
[1:0]
00
Input Word Length:
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: 32-bit right justified mode is not supported.
In all modes, the data is signed 2's complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8569 pads the unused LSBs with zeros. If
the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
Note: In 24 bit I
2S mode, any width of 24 bits or less is supported provided that LRC is high for a
minimum of 24 BCLKs and low for a minimum of 24 BCLKs.
A number of options are available to control how data from the Digital Audio Interface is applied to
the DAC channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com