Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS/V Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8569GEDS/V
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS/V Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
WM8569
Product Preview
w
PP Rev 1.1 December 2005
24
DAC OUTPUT PHASE
The DAC Phase control word determines whether the output of the DAC is non-inverted or inverted
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
DAC Phase
6
PHASE
0
0 = non-inverted
1 = inverted
DIGITAL ZERO CROSS-DETECT
The Digital volume control also incorporates a zero cross detect circuit which detects a transition
through the zero point before updating the digital volume control with the new volume. This is
enabled by control bit ZCD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
DAC Control
0
ZCD
0
DAC Digital Volume Zero Cross
Disable:
0: Zero cross detect enabled
1: Zero cross detect disabled
DAC MUTE MODES
The WM8569 has a mute for the DAC channels. Setting MUTE will apply a ‘soft’ mute to the input of
the digital filters.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
DAC Mute
3
DMUTE
0
DAC Soft Mute Select
0 = Not mute
1 = Mute
Refer to Figure 7 for the plot of application and release of soft mute.
Note that all other means of muting the DAC channels: setting the PL[3:0] bits to 0, setting the
PDWN bit or setting attenuation to 0 will cause much more abrupt muting of the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com