Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8569GEDS/V
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Product Preview
WM8569
w
PP Rev 1.1 December 2005
27
MASTER MODE ADCLRC FREQUENCY SELECT
In Master mode the WM8569 generates ADCLRC and ADCBCLK. These clocks are derived from the
master clock and the ratio of ADCMCLK to ADCLRC is set by ADCRATE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001011
ADCLRC and ADCBCLK
Frequency Select
7:5
ADCRATE [2:0]
010
Master Mode
ADCMCLK:ADCLRC Ratio
Select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversampling rate to 64fs. The 64fs oversampling rate is only available in
modes were a 96KHz rate is supported, i.e. 256fs or 384fs. In all other modes the ADC will stay in a
128fs oversampling rate irrespective of what this bit is set to.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001011
ADC Oversampling Rate
8
ADCOSR
0
ADC Oversampling Rate Select:
0: 128x oversampling
1: 64x oversampling
ADC HIGHPASS FILTER DISABLE
The ADC digital filters contain a digital highpass filter. This defaults to enabled and can be disabled
using software control bit ADCHPD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
ADC Control
3
ADCHPD
0
ADC Highpass Filter Disable:
0: Highpass filter enabled
1: Highpass filter disabled
In left justified, right justified or I
2S modes, the ADCLRP register bit controls the polarity of ADCLRC.
If this bit is set high, the expected polarity of ADCLRC will be the opposite of that shown in Figure
11, Figure 12 and Figure 13. Note that if this feature is used as a means of swapping the left and
right channels, a 1 sample phase difference will be introduced. In DSP modes, the ADCLRP register
bit is used to select between modes A and B.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
In Left/Right/I
2S Modes:
ADCLRC Polarity (normal)
0: normal DACLRC polarity
1: inverted DACLRC polarity
0001100
Interface Control
4
ADCLRP
0
In DSP Mode:
0: DSP mode A
1: DSP mode B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com