Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R075ELF Datasheet(PDF) 8 Page - ON Semiconductor

Part # CRA2512-FZ-R075ELF
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CRA2512-FZ-R075ELF Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CRA2512-FZ-R075ELF Datasheet HTML 4Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 5Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 6Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 7Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 8Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 9Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 10Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 11Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
EVBUM2775/D
www.onsemi.com
8
Basic tests and measurements were done. The results of
efficiency, power factor, power losses, load transients and
startup can be seen in the Figures 7−13. The used load was
Halogen light bulb.
Figure 7. Efficiency of PFC Stage for Various Value of Input AC Voltage and Load
95.00%
95.20%
95.40%
95.60%
95.80%
96.00%
96.20%
96.40%
96.60%
96.80%
97.00%
190
200
210
220
230
240
250
260
270
Input AC voltage [V]
Efficiency PFC stage
930 W load
466 W load
155 W load
Figure 8. Power Factor of PFC Stage for Various Value of Input AC Voltage and Load
0.838
0.858
0.878
0.898
0.918
0.938
0.958
0.978
0.998
190
200
210
220
230
240
250
260
270
Input AC voltage [V]
Power factor PFC stage
933 W load
466 W load
155 W load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com