Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R075ELF Datasheet(PDF) 20 Page - ON Semiconductor

Part # CRA2512-FZ-R075ELF
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CRA2512-FZ-R075ELF Datasheet(HTML) 20 Page - ON Semiconductor

Back Button CRA2512-FZ-R075ELF Datasheet HTML 16Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 17Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 18Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 19Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 20Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 21Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 22Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 23Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
EVBUM2775/D
www.onsemi.com
20
Bill of Materials
Table 3 provides bill of materials of the evaluation board.
Table 3. BILL OF MATERIALS OF THE EVALUATION BOARD
No.
Designator
Comment
Manufacturer
Part number
Quantity
1.
C1
10
mF
Würth Electronik
865080540004
1
2.
C2
100 nF
Würth Electronik
885012206071
1
3.
C3, C5
100 nF
Würth Electronik
885012206095
2
4.
C4, C16
1
mF
Würth Electronik
890334026027CS
2
5.
C6
100
mF
Würth Electronik
875115652007
1
6.
C7
330 nF
Murata
GRM188R71C334JA01D
1
7.
C8, C9
1 nF
Würth Electronik
885012006044
2
8.
C10, C52, C54,
C55, C57, C62,
C64
10 nF
Würth Electronik
885012206089
7
9.
C11
2
m2
Würth Electronik
885012206027
1
10.
C12
220 nF
Murata
GRM188R71H224KAC4D
1
11.
C13
68 pF
Murata
GRM1885C1H680JA01D
1
12.
C14
470 nF
Murata
GRM188R61H474KA12D
1
13.
C15
1 nF
Würth Electronik
885012006063
1
14.
C17, C51
680 nF
Würth Electronik
890334026020CS
2
15.
C18
250 nF
TDK
B58031I9254M062
1
16.
C19, C26, C27,
C28, C29, C30,
C31, C50, C53,
C56
100 pF
Würth Electronik
885012006057
10
17.
C20
100 nF
Würth Electronik
885012207072
1
18.
C21
330
mF
Würth Electronik
875075661010
1
19.
C22, C24, C32
100 nF
Würth Electronik
885012105018
3
20.
C23, C25, C33
22
mF
TDK
C4532X7R1E226M250KC
3
21.
C34, C43, C47
1 nF
Würth Electronik
885012206083
3
22.
C35
100 nF
Würth Electronik
890334025017CS
1
23.
C36
10
mF
Rubycon
450BXF10M10X16
1
24.
C37
330 nF
Würth Electronik
885012207101
1
25.
C38
47 nF
Würth Electronik
885012206093
1
26.
C39, C40
220
mF
Würth Electronik
860040474004
2
27.
C41
150 nF
Murata
GRM188R71H154KAC4D
1
28.
C42
470
mF
Würth Electronik
861141486024
1
29.
C44, C45, C46
470 pF
Würth Electronik
885012006061
3
30.
C48, C49, C59,
C63
100 nF
Wurth Electronics
885012206046
4
31.
C58
15 nF
Würth Electronik
885012206090
1
32.
C60
10 nF
Würth Electronik
885012206065
1
33.
C61
47
mF
Murata
GRM188R60J476ME15D
1
34.
CON1
Black
TE Connectivity
6ESRM−P
1
35.
CON2
Green
Würth Elektronik
691313710003
1
36.
CON3
610 036 218 21
Würth Elektronik
61003621821
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com