Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R075ELF Datasheet(PDF) 23 Page - ON Semiconductor

Part # CRA2512-FZ-R075ELF
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CRA2512-FZ-R075ELF Datasheet(HTML) 23 Page - ON Semiconductor

Back Button CRA2512-FZ-R075ELF Datasheet HTML 19Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 20Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 21Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 22Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 23Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 24Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 25Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 26Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
EVBUM2775/D
www.onsemi.com
23
Table 3. BILL OF MATERIALS OF THE EVALUATION BOARD
No.
Quantity
Part number
Manufacturer
Comment
Designator
106.
TP3, TP17, TP24
ORANGE
Keystone
Electronics
5008
3
107.
TP4, TP18, TP21
WHITE
Keystone
Electronics
5007
3
108.
TP5, TP9, TP13,
TP22
BROWN
Keystone
Electronics
5120
4
109.
TP6, TP7, TP8,
TP10, TP11, TP12,
TP14, TP25, TP26
YELLOW
Keystone
Electronics
5009
9
110.
TP15, TP16
BLUE
Keystone
Electronics
5122
2
111.
TP20, TP23, TP28
PURPLE
Keystone
Electronics
5124
3
112.
TP27
BLACK
Keystone
Electronics
5006
1
113.
TR1, TR2
750314724
Würth Elektronik
750314724
2
114.
U1
NCP1632
ON Semiconductor
NCP1632DR2G
1
115.
U2
NFAQ1060L36T
ON Semiconductor
NFAQ1060L36T
1
116.
U3, U4, U5
NCS2003SN2T1G
ON Semiconductor
NCS2003SN2T1G
3
117.
U7
TLV431
ON Semiconductor
TLV431CSN1T1G
1
118.
WAC1, WAC2,
WHSA1, WHSA2,
WHSB1, WHSB2,
WPDA, WPDB,
WPDD, WPQA,
WPQB, WSHC1,
WSHC2, WSHD1
plain washer M3
DIN125A
14
119.
WHAD, WHAQ,
WHBD, WHBQ
AOS 220
18x12x1.5 D3.1
4
120.
WSDA, WSDB,
WSDD, WSQA,
WSQB
spring washer M3
DIN7980
5
Table 4. BILL OF MATERIALS OF THE UCB ADAPTER
No.
Designator
Comment
Manufacturer
Part number
Quantity
1.
C1
10uF, 50V
Wurth Elektronik
885012108022
1
2.
C2, C11, C12
10uF, 10V
Wurth Elektronik
885012107010
3
3.
C3
100uF, 25V
Wurth Elektronik
865080449011
1
4.
C4, C5
100nF, 16V
Wurth Elektronik
885012206046
2
5.
C15, C21
10nF, 50V
Wurth Elektronik
885012206089
2
6.
C16
470nF, 50V
Wurth Elektronik
885012207102
1
7.
C19, C20
22uF, 10V
Wurth Elektronik
885012209006
2
8.
C23
470pF, 50V
Wurth Elektronik
885012006061
1
9.
D1, D2, D3, D4,
D5, D6, D7, D8,
D9, D10
BAT54S
ON Semiconductor
BAT54S
10
10.
D11, D12
MBR230LSFT1G
ON Semiconductor
MBR230LSFT1G
2
11.
D13
MBRS2040LT3G
ON Semiconductor
MBRS2040LT3G
1
12.
J1
61001011921
Wurth Elektronik
61001011921
1
13.
J2, J3, J5, J6, J7
61000811921
Wurth Elektronik
61000811921
5
14.
J4
61003621821
Wurth Elektronik
61003621821
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com