Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R075ELF Datasheet(PDF) 21 Page - ON Semiconductor

Part # CRA2512-FZ-R075ELF
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CRA2512-FZ-R075ELF Datasheet(HTML) 21 Page - ON Semiconductor

Back Button CRA2512-FZ-R075ELF Datasheet HTML 17Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 18Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 19Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 20Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 21Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 22Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 23Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 24Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
EVBUM2775/D
www.onsemi.com
21
Table 3. BILL OF MATERIALS OF THE EVALUATION BOARD
No.
Quantity
Part number
Manufacturer
Comment
Designator
37.
CON4, CON6,
CON7
610 008 13 321
Würth Elektronik
61000813321
3
38.
CON5
691 313 510 002
Würth Elektronik
691313510002
1
39.
CY1, CY3, CY4
4700 pF
Murata
DE1E3KX472MA4BN01F
3
40.
D1
1N5406RLG
ON Semiconductor
1N5406RLG
1
41.
D2, D5
FFSPF1065A
ON Semiconductor
FFSPF1065A
2
42.
D3, D7, D9, D15
MMSD4148T1G
ON Semiconductor
MMSD4148T1G
4
43.
D4
GBU6K
ON Semiconductor
GBU6K
1
44.
D6, D10, D11, D12,
D13
SMF15AT1G
ON Semiconductor
SMF15AT1G
5
45.
D8
NTSS3100
ON Semiconductor
NTSS3100T3G
1
46.
D14
MRA4007T3G
ON Semiconductor
MRA4007T3G
1
47.
D16, D17
MURA160T3G
ON Semiconductor
MURA160T3G
2
48.
F1
10 A
Schurter
0031.8201
1
49.
F2
4 A
Schurter
0034.3123
1
50.
FC1
Fuse cover
Schurter
0853.0551
1
51.
HSA, HSB
SK 489 50 mm
black anodized
2
52.
HSC
SK 92 30 mm
natural anodized
1
53.
HSD
SK 447 37.5 mm
black anodized
1
54.
IC1
NCP1063AP60
ON Semiconductor
NCP1063AP60G
1
55.
J_AC_OUT
691 351 500 003
Würth Elektronik
691351500003
1
56.
J_DC390V
691 351 500 002
Würth Elektronik
691351500002
1
57.
L1
1 mH
Würth Elektronik
744731102
1
58.
L2
470
mH
Würth Elektronik
744731471
1
59.
L4
150
mH
Würth Elektronik
7447076
1
60.
L5
2 x 2.2 mH
Würth Elektronik
744824622
1
61.
NAC1, NAC2
nut M3 ISO4032
2
62.
Q1, Q3
FCPF125N65S3
ON Semiconductor
FCPF125N65S3
2
63.
Q2, Q4
MMBT589LT1G
ON Semiconductor
MMBT589LT1G
2
64.
Q5
NCS2250SN2T3G
ON Semiconductor
NCS2250SN2T3G
1
65.
R1
2R2
TDK
B57237S0229M000
1
66.
R2, R4, R5
680k
Vishay
CRCW1206680KFKEA
3
67.
R3, R47
320 V
TDK
B72214S0321K101
2
68.
R6, R12, R17, R21
3M9
Vishay
CRCW12063M90FKEA
4
69.
R7, R25
10R
Panasonic
ERJ6ENF10R0V
2
70.
R8, R9, R15, R16
1M8
Vishay
CRCW12061M80FKEA
4
71.
R10, R11, R32,
R36
22k
Panasonic
ERJ3EKF2202V
4
72.
R13, R28
10k
Panasonic
ERJ6ENF1002V
2
73.
R14, R29
0R
Panasonic
ERJ6GEY0R00V
2
74.
R18
11k5
Panasonic
ERJ3EKF1152V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com