Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R075ELF Datasheet(PDF) 22 Page - ON Semiconductor

Part # CRA2512-FZ-R075ELF
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CRA2512-FZ-R075ELF Datasheet(HTML) 22 Page - ON Semiconductor

Back Button CRA2512-FZ-R075ELF Datasheet HTML 18Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 19Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 20Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 21Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 22Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 23Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 24Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 25Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
EVBUM2775/D
www.onsemi.com
22
Table 3. BILL OF MATERIALS OF THE EVALUATION BOARD
No.
Quantity
Part number
Manufacturer
Comment
Designator
75.
R19
820k
Panasonic
ERJU08F8203V
1
76.
R20
560k
Panasonic
ERJU08F5603V
1
77.
R22
120k
Panasonic
ERJ3EKF1203V
1
78.
R23, R24
27k
Panasonic
ERJ3EKF2702V
2
79.
R26
1k8
Panasonic
ERJ3EKF1801V
1
80.
R27, R63, R64,
R65, R71, R79
1k
Panasonic
ERJ3EKF1001V
6
81.
R30, R31
0R075
Bourns
CRA2512−FZ−R075ELF
2
82.
R33
270k
Panasonic
ERJ3EKF2703V
1
83.
R34, R56, R57
5k1
Panasonic
ERJ3EKF5101V
3
84.
R35, R49, R50,
R51
15k
Panasonic
ERJ3EKF1502V
4
85.
R37
143k
Panasonic
ERJ3EKF1433V
1
86.
R38, R39, R40,
R41, R42, R43,
R54, R58, R78,
R81, R84
100R
Panasonic
ERJ3EKF1000V
11
87.
R44
2M
Vishay
CRCW06032M00FKEA
1
88.
R45
39k
Panasonic
ERJ3EKF3902V
1
89.
R46, R52, R53
330k
Vishay
CRCW1206330KFKEA
3
90.
R48
56k
Panasonic
ERJ3EKF5602V
1
91.
R55
6k8
Panasonic
ERJP08F6801V
1
92.
R59, R60, R61
0R039
KOA SPEER
ELECTRONICS
TLRH3AWTTE39L0F
3
93.
R62
10k
Panasonic
ERJ3EKF1002V
1
94.
R66, R67, R69,
R70, R72, R73,
R75
1k
Panasonic
ERJ3RBD1001V
7
95.
R68
21k5
Panasonic
ERJ3EKF2152V
1
96.
R74, R80, R83,
R85, R86, R87
4k99
TT Electronics
PCF0603R−4K99BT1
6
97.
R76
215k
Panasonic
ERJ3EKF2153V
1
98.
R77
680R
Panasonic
ERJ3EKF6800V
1
99.
R82
3k
Panasonic
ERJ3EKF3001V
1
100.
SAC1, SAC2,
SHA1, SHA2,
SHB1, SHB2,
SHD1
M3x8 DIN7985
7
101.
SB1, SB2, SB3,
SB4, SB5, SB6
Spacer M3 F/F 50
HEX7
6
102.
SDA, SDB, SDD,
SHC1, SHC2, SQA,
SQB
M3x16 DIN7985
7
103.
SHSA1, SHSA2,
SHSB1, SHSB2
spacer for M3
Wurth Elektronik
963030042
4
104.
ST1, ST2, ST3,
ST4, ST5, ST6
Spacer M3 M/F
6/30 HEX7
6
105.
TP1, TP2
RED
Keystone
Electronics
5005
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com