Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA2512-FZ-R075ELF Datasheet(PDF) 17 Page - ON Semiconductor

Part # CRA2512-FZ-R075ELF
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CRA2512-FZ-R075ELF Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CRA2512-FZ-R075ELF Datasheet HTML 13Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 14Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 15Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 16Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 17Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 18Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 19Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 20Page - ON Semiconductor CRA2512-FZ-R075ELF Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
EVBUM2775/D
www.onsemi.com
17
Control Board Headers
Schematic of control board headers can be seen in the
Figure 20. The headers have Arduino Due footprint. The
applied control board has to contain 3V3 power supply as it
is also used for supplying current measurement op amps and
comparator for over−current protection. Low pass filters for
current and voltage measurement signals are placed closed
to the headers (see CON4). When connecting the control
board to the PC, do not forget to use isolator.
Figure 20. Schematic of Control Board Headers
1
4
2
5
3
6
7
8
CON6
1
4
2
5
3
6
7
8
CON7
IPM CONTROL
LBU
HBU
HBV
LBV
HBW
LBW
ENABLE
IPM_CTRL
IPM_SENSE
V_DCLINK
TEMPERATURE
FAULT
IPM_SENSE
3V3
1
2
3
4
6
8
10
12
14
16
5
7
9
11
13
15
17
19
18
20
21
22
23
24
26
28
30
32
34
36
25
27
29
31
33
35
CON3
15VDC
G_IPM
R63
1k
R64
1k
R65
1k
R66
1k
C47
1 nF
C46
470 pF
C45
470 pF
C44
470 pF
G_IPM
G_IPM
G_IPM
G_IPM
1
4
2
5
3
6
7
8
CON4
I_SENSE
I_V
I_W
I_U
I_SENSE
3V3
FAULT
TEMPERATURE
V_DCLINK
G_IPM
Layout
Evaluation board consist of 4 layers. Following figures
are showing all the layers. Board size is 280x112 mm.
Figure 21. Top Layer Routing and Top Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com