Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HS3003
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HS3003 Datasheet HTML 1Page - Renesas Technology Corp HS3003 Datasheet HTML 2Page - Renesas Technology Corp HS3003 Datasheet HTML 3Page - Renesas Technology Corp HS3003 Datasheet HTML 4Page - Renesas Technology Corp HS3003 Datasheet HTML 5Page - Renesas Technology Corp HS3003 Datasheet HTML 6Page - Renesas Technology Corp HS3003 Datasheet HTML 7Page - Renesas Technology Corp HS3003 Datasheet HTML 8Page - Renesas Technology Corp HS3003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
HS300x Datasheet
© 2021 Renesas Electronics Corporation
5
April 20, 2021
3. Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the HS300x at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions might affect
device reliability.
Table 2.
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
Analog Supply Voltage
-0.3
6.0
V
Storage Temperature Range
-55
150
°C
4. Recommended Operating Conditions
Important note: The HS300x series sensors are optimized to perform best in the more common temperature and humidity ranges of 10°C to
50°C and 20% RH to 80% RH, respectively. If operated outside of these conditions for extended periods, especially at high humidity levels, the
sensors may exhibit an offset. In most cases, this offset is temporary and will gradually disappear once the sensor is returned to normal
temperature and humidity conditions. The amount of the shift and the duration of the offset vary depending on the duration of exposure and the
severity of the relative humidity and temperature conditions. The time needed for the offset to disappear can also be decreased by using the
procedures described in sections 10 and 12.
Table 3.
Operating Conditions
Parameter
Condition
Minimum
Typical
Maximum
Unit
Operating Supply Voltage
3.3
5.5
V
Extended Operating Supply Voltage
Operating temperature from -20 to 125°C
1.8
5.5
V
Operating Humidity Range
0
100
%RH
Operating Temperature Sensor Range
-40
125
°C
Sleep Current
Sleep Mode
-40 to 85°C
0.6
1
µA
-40 to 125°C
1
3
Average Current[a]
One RH + temperature
measurement/second
8-bit resolution
1.0
1.5
1.7
µA
10-bit resolution
2.0
2.6
2.8
12-bit resolution
5.5
7.0
7.1
14-bit resolution
20.1
24.4
24.4
Measurement Time
Wake-up
0.10
ms
Humidity or temperature
including the digital
compensation
8-bit resolution
0.55
10-bit resolution
1.31
12-bit resolution
4.50
14-bit resolution
16.90
[a] Minimum, typical and maximum average currents are given at 1.8V, 3.3V and 5.5V VDD respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com