Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HS3003
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HS3003 Datasheet HTML 1Page - Renesas Technology Corp HS3003 Datasheet HTML 2Page - Renesas Technology Corp HS3003 Datasheet HTML 3Page - Renesas Technology Corp HS3003 Datasheet HTML 4Page - Renesas Technology Corp HS3003 Datasheet HTML 5Page - Renesas Technology Corp HS3003 Datasheet HTML 6Page - Renesas Technology Corp HS3003 Datasheet HTML 7Page - Renesas Technology Corp HS3003 Datasheet HTML 8Page - Renesas Technology Corp HS3003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
High Performance Relative
Humidity and Temperature Sensor
HS300x
Datasheet
© 2021 Renesas Electronics Corporation
1
April 20, 2021
Description
The HS300x (HS3001, HS3002, HS3003, and HS3004) series is a
highly accurate, fully calibrated relative humidity and temperature
sensor. The MEMS sensor features a proprietary sensor-level
protection, ensuring high reliability and long-term stability.
Integrated calibration and temperature-compensation logic pro-
vides fully corrected RH and temperature values via a standard I2C
output. No user calibration of the output data is required.
The high accuracy, fast measurement response time, and long-
term stability combined with the small package size makes the
HS300x series ideal for a wide number of applications ranging from
portable devices to products designed for harsh environments.
The HS300x series digital sensor accurately measures relative
humidity and temperature levels. The measured data is internally
corrected and compensated for accurate operation over a wide
range of temperature and humidity levels – user calibration is not
required.
Typical Applications
Climate control systems
Home appliances
Weather stations
Industrial automation
Medical equipment
Automotive cabin climate control
Features
Humidity range: 0% to 100%RH
Humidity accuracy: ±1.5%RH, typical (HS3001, 10 to 90%RH,
25°C)
14-bit resolution: 0.01%RH, typical
Independent programmable resolution settings: 8, 10, 12,
14 bits
Fast RH response time: 1 second time constant, typical (with
1 m/sec air flow), 4 seconds time constant, typical (in still air)
Temperature sensor accuracy: ±0.2°C, typical (HS3001,
HS3002, -10 to +80°C)
Low current consumption: 1.0µA average (8-bit resolution,
1.8V supply), 24.4µA average (14-bit resolution, 3.3V
supply), one RH and temperature measurement per second
Excellent stability against aging
Highly robust protection from harsh environmental conditions
and mechanical shock
Very low power consumption
Physical Characteristics
Supply voltage: 2.3V to 5.5V
Extended supply voltage: 1.8V (-20°C to +125°C)
Operating temperature: -40°C to +125°C
3.0 × 2.41 × 0.8 mm DFN-style 6-LGA package
Product Image


Similar Part No. - HS3003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS3003 RENESAS-HS3003 Datasheet
733Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3003-MC1 RENESAS-HS3003-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS3003-MC1 RENESAS-HS3003-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS3003-ML1 RENESAS-HS3003-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3003-ML1 RENESAS-HS3003-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
2021
More results

Similar Description - HS3003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101ML1 RENESAS-HS3101ML1 Datasheet
693Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3001-MC1 RENESAS-HS3001-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS3001-ML1 RENESAS-HS3001-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS300X-MC1 RENESAS-HS300X-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS300X-ML1 RENESAS-HS300X-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
2021
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS310X-MCX RENESAS-HS310X-MCX Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com