Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HS3003
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HS3003 Datasheet HTML 13Page - Renesas Technology Corp HS3003 Datasheet HTML 14Page - Renesas Technology Corp HS3003 Datasheet HTML 15Page - Renesas Technology Corp HS3003 Datasheet HTML 16Page - Renesas Technology Corp HS3003 Datasheet HTML 17Page - Renesas Technology Corp HS3003 Datasheet HTML 18Page - Renesas Technology Corp HS3003 Datasheet HTML 19Page - Renesas Technology Corp HS3003 Datasheet HTML 20Page - Renesas Technology Corp HS3003 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
HS300x Datasheet
© 2021 Renesas Electronics Corporation
17
April 20, 2021
11. PCB Layout Guide
When designing the PCB, undesired heat transfer paths to the HS300x series must be minimized. Excessive heat from other components on
the PCB will result in inaccurate temperature and relative humidity measurements. As such, solid metal planes for power supplies should
be avoided in the vicinity of the sensor since these will act as thermal conductors. To further reduce the heat transfer from other components
on the board, openings can be milled into the PCB as shown in Figure 21.
Figure 22. Milled PCB Openings for Thermal Isolation
12. Storage and Handling
Recommendation: Once the sensors are removed from their original packaging, store them in metal-in antistatic bags.
Avoid using polyethylene antistatic bags as they may affect sensor accuracy.
The nominal storage conditions are 10 to 50°C and humidity levels within 20% to 60%RH. If stored outside of these conditions for extended
periods of time, the sensor readings may exhibit an offset. The sensor can be reconditioned and brought back to its calibration state by applying
the following procedure:
1. Bake at a temperature of 100°C with a humidity < 10%RH for 10 to 12 hours.
2. Rehydrate the sensor at a humidity of 75%RH and a temperature between 20 to 30°C for 12 to 14 hours.
13.
Quality and Reliability
The HS300x series is available as a qualified product for consumer and industrial market applications. All data specified parameters are
guaranteed if not stated otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com