Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HS3003
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HS3003 Datasheet HTML 12Page - Renesas Technology Corp HS3003 Datasheet HTML 13Page - Renesas Technology Corp HS3003 Datasheet HTML 14Page - Renesas Technology Corp HS3003 Datasheet HTML 15Page - Renesas Technology Corp HS3003 Datasheet HTML 16Page - Renesas Technology Corp HS3003 Datasheet HTML 17Page - Renesas Technology Corp HS3003 Datasheet HTML 18Page - Renesas Technology Corp HS3003 Datasheet HTML 19Page - Renesas Technology Corp HS3003 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
HS300x Datasheet
© 2021 Renesas Electronics Corporation
16
April 20, 2021
9. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website. The package information
is the most current data available and is subject to change without revision of this document.
10.
Soldering Information
This section discusses soldering considerations for the HS300x. When a relative humidity sensor is exposed to the high heat associated with
the soldering process, the sensor element tends to dry out. To avoid an offset in the relative humidity readings, the sensor element must be
rehydrated after the soldering process. Care must also be taken when selecting the temperatures and durations involved in the soldering
process to avoid irreversibly damaging the sensor element.
The recommended soldering profile for a lead-free (RoHS-compliant) process is shown below.
Figure 21. Recommended Soldering Profile
It is important to ensure this temperature profile is measured at the sensor itself. Measuring the profile at a larger component with a higher
thermal mass means the temperature at the small sensor will be higher than expected.
For manual soldering, the contact time must be limited to 5 seconds with a maximum iron temperature of 350°C.
In either case, a board wash after soldering is not recommended. Therefore, if a solder paste is used, it is strongly recommended that a
“no-clean” solder paste is used to avoid the need to wash the PCB.
After soldering, the recommended rehydration conditions are either:
A relative humidity of 75% RH at room temperature for at least 12 hours
A relative humidity of 40% to 50% RH at room temperature for 3 to 5 days
Otherwise, in the relative humidity readings, there might be an initial offset, which will slowly disappear as the sensor is exposed to ambient
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com