Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HS3003
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HS3003 Datasheet HTML 13Page - Renesas Technology Corp HS3003 Datasheet HTML 14Page - Renesas Technology Corp HS3003 Datasheet HTML 15Page - Renesas Technology Corp HS3003 Datasheet HTML 16Page - Renesas Technology Corp HS3003 Datasheet HTML 17Page - Renesas Technology Corp HS3003 Datasheet HTML 18Page - Renesas Technology Corp HS3003 Datasheet HTML 19Page - Renesas Technology Corp HS3003 Datasheet HTML 20Page - Renesas Technology Corp HS3003 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
HS300x Datasheet
© 2021 Renesas Electronics Corporation
18
April 20, 2021
14. Ordering Information
Part Number
Description and Package
Carrier Type
Temp. Range
HS3001
Digital Relative Humidity and Temperature Sensor.
±1.5%RH (Typical), 3.0 × 2.41 × 0.8mm, 6-LGA (LHG6D1)
Tape
-40°C to +125°C
HS3002
Digital Relative Humidity and Temperature Sensor.
±1.8%RH (Typical), 3.0 × 2.41 × 0.8mm, 6-LGA (LHG6D1)
Tape
-40°C to +125°C
HS3003
Digital Relative Humidity and Temperature Sensor.
±2.5%RH (Typical), 3.0 × 2.41 × 0.8mm, 6-LGA (LHG6D1)
Tape
-40°C to +125°C
HS3004
Digital Relative Humidity and Temperature Sensor.
±3.5%RH (Typical), 3.0 × 2.41 × 0.8mm, 6-LGA (LHG6D1)
Tape
-40°C to +125°C
15. Revision History
Revision Date
Description of Change
April 21, 2021
Clarified humidity and temperature operating range in Table 3.
Completed other minor changes
March 10, 2021
Corrected Figure 8 and 10 tolerance
Completed other minor changes
April 20, 2020
Updated Table 3, 4, 5 specs
Added non-volatile memory programming instruction
Added measurement resolution programming and reading sensor ID instructions
Added PCB layout guide
August 6, 2018
Updated temperature sensor response time in
Table 5.
April 24, 2018
Clarified Figure 16 and Figure 17.
Update for Equation 2.
Edits for section 6.6.
Template updates for section 9.
February 14, 2018
Changed operating voltage and added recommended operating conditions.
November 8, 2017
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com