Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS3003 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HS3003
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HS3003 Datasheet HTML 10Page - Renesas Technology Corp HS3003 Datasheet HTML 11Page - Renesas Technology Corp HS3003 Datasheet HTML 12Page - Renesas Technology Corp HS3003 Datasheet HTML 13Page - Renesas Technology Corp HS3003 Datasheet HTML 14Page - Renesas Technology Corp HS3003 Datasheet HTML 15Page - Renesas Technology Corp HS3003 Datasheet HTML 16Page - Renesas Technology Corp HS3003 Datasheet HTML 17Page - Renesas Technology Corp HS3003 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
HS300x Datasheet
© 2021 Renesas Electronics Corporation
14
April 20, 2021
6.9 Setting the Measurement Resolution
The HS300x series relative humidity and temperature measurement resolutions can be set independently to 8, 10, 12, or 14-bits by writing to
the non-volatile memory, and are initially set to 14-bits by default. The procedure to set the humidity sensor resolution is illustrated in the
following figure. The relative humidity and temperature resolution can be read in registers 0x06 and 0x11, respectively, or written in registers
0x46 or 0x51. The resolution information is stored in bits [11:10] of these registers, as listed in the Table 10. All of the other bits in these
registers must be left unchanged. As such, before writing new resolution settings, the contents of the read registers must be read, and only bits
[11:10] can be changed in the write registers. Once bits [11:10] are changed to set the desired resolution, the entire register must be written
back to the HS300x sensor.
Figure 19. Sequence of Commands to Change the Relative Humidity Resolution
Table 99. Register Values for Different Resolution Settings
Resolution register
bits [11:10]
Resolution
(bits)
00B
8
01B
10
10B
12
11B
14
The sensor non-volatile memory requires 120µs to load the data into the registers after step 1, and requires 14ms to write the data after step
4. Failure to comply with these processing times may result in data corruption and introduce errors in sensor measurements. The procedure to
change the temperature sensor resolution is the same as that depicted in Figure 19, except the register address in Step 1 must be set to 0x11
and the register address in Step 4 will be 0x51.
6.10 Reading the HS300x ID Number
The sensor ID is a 32-bit number, and can be read in a similar fashion as illustrated in steps 1 and 2 of Figure 19, using the appropriate register
address values. The ID number is stored in two registers, with the upper and lower 16 bits stored in register addresses 0x1E and 0x1F,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com