Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR1100-N-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 73VR1100-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100-N-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button 73VR1100-N-R Datasheet HTML 3Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 4Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 5Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 7/18
https://www.m-system.co.jp/
COMMUNICATION CABLE CONNECTIONS
73VR1100
T1
T2
T3
T4
PC Recorder
53U
T1
T2
T3
T4
DA
DB
TR
DG
FG
PC Recorder
53U
RS-485
*1
*1
*1. Internal terminating resistor is used when the device is at the extreme end of a transmission line.
*2. Install shield cables to all sections and ground them at a single point.
*2
FG
*2
FG
RS-485
RS-485
RS-485
Terminator
■ PC RECORDER, 53U
73VR1100
DA
DB
TR
DG
FG
*1
*2
FG
Terminator
■ R3-NM1, R5-NM1, R7M
DA
DB
DG
SLD
FG
R3-NM1
R5-NM1
R7M
DA
DB
DG
SLD
FG
R3-NM1
R5-NM1
R7M
Terminator
CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
RJ-45 MODULAR JACK
FG
USB
Ethernet
10BASE-T / 100BASE-TX
To I/O Devices
*
U (+)
V (–)
ALM +
ALM –
RUN +
FG
DG
TR
DB
DA
RUN –
POWER
*Short across these terminals when the device is at the extreme end of a transmission line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com