Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR1100-N-R Datasheet(PDF) 12 Page - M-System Co.,Ltd.

Part # 73VR1100-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100-N-R Datasheet(HTML) 12 Page - M-System Co.,Ltd.

Back Button 73VR1100-N-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 14Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 15Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 16Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 12/18
https://www.m-system.co.jp/
Number of display views: 4
Data search: Scrolling the chart, specifying a specific time
index, or searching by max./min. values.
• Alarm History View: Shows data stored in the alarm
history file.
Number of displayed alarm events: 16
Number of display views: 1
Display update: Automatically updated by a new event
Data search: Scrolling the view or specifying a specific time
index.
Jump: Scroll the view to an alarm event to show the relevant
data on Retrieve View.
• Comment History View: Shows data stored in the
comment history file.
Number of displayed alarm events: 16
Number of display views: 1
Data search: Scrolling the view or specifying a specific time
index.
Jump: Scroll the view to a comment to show the relevant
data on Retrieve View.
■ ETHERNET COMMUNICATION
Monitoring data and setup of the 73VR1100 is possible on
the PC connected via Ethernet.
• Dedicated Protocol
Real time communication: Transmits specific data to a host
PC installed with the PC Recorder Software (model:
MSR128). Max. 2 hosts.
FTP communication: Transmits data stored in the CF Card
using the FTP protocol to a host PC by the 73VR Data Viewer
(model: 73VRWV) installed in it. Data can be transmitted
even during recording.
Download, Upload: Software configurations created on the
73VR1100 Configuration Builder (model: 73VR11BLD) can
be downloaded to the 73VR1100. The configuration set up
on the 73VR1100 can be uploaded and displayed on the
73VR11BLD.
• Modbus Protocol
Protocol: Modbus/TCP
Port No.: 502 (fixed)
IP address: Set on the recorder
Subnet mask: Set on the recorder
Default gateway: Set on the recorder
Max. number of 73VR1100 connected simultaneously: 2
Supported Function Codes
CODE NAME
FUNCTION
01
Read Coil Status
Reads DO
02
Read Input Status
Reads DI
04
Read Input Register
Reads Input Register
11
Fetch Communication
Reads Status Word and
Event Counter
Event Counter from
Comm. Event Counter
Exception Response
CODE NAME
FUNCTION
01
Illegal Function
Function Not supported
02
Illegal Data Address
Speci ed address does
not exist
Supported Function Codes
Data storing rate 100 msec.
ADDR. TYPE NAME
Coil (0X)
1
Discrete output (pen 1, relay 1)
2
Discrete output (pen 1, relay 2)
3
Discrete output (pen 1, relay 3)
(Unused with discrete alarm)
4
Discrete output (pen 1, relay 4)
(Unused with discrete alarm)
:
:
255
Discrete output (pen 64, relay 3)
(Unused with discrete alarm)
256
Discrete output (pen 64, relay 4)
(Unused with discrete alarm)
257
Discrete output
(alarm output terminal)
Input
1 thr. 64
Input or function data
Status (1X)
(discrete)
Input
1 thr.
I or
Input or function data
Register (3X)
128
F
(analog)
Data storing rate 500 msec.
ADDR. TYPE NAME
Coil (0X)
1
Discrete output (pen 1, relay 1)
2
Discrete output (pen 1, relay 2)
3
Discrete output (pen 1, relay 3)
(Unused with discrete alarm)
4
Discrete output (pen 1, relay 4)
(Unused with discrete alarm)
:
:
511
Discrete output (pen 128, relay 3)
(Unused with discrete alarm)
512
Discrete output (pen 128, relay 4)
(Unused with discrete alarm)
513
Discrete output
(alarm output terminal)
Input
1 thr.
Input or function data
Status (1X)
128
(discrete)
Input
1 thr.
I or
Input or function data
Register (3X)
256
F
(analog)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com