Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR1100-N-R Datasheet(PDF) 14 Page - M-System Co.,Ltd.

Part # 73VR1100-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100-N-R Datasheet(HTML) 14 Page - M-System Co.,Ltd.

Back Button 73VR1100-N-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 14Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 15Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 16Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 17Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 18Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 14/18
https://www.m-system.co.jp/
• R5 Series Remote I/O
SIGNAL TYPE
MODELS
DC voltage input
R5-SV, R5T-SV
DC current input
R5-SS, R5T-SS
Thermocouple input
R5-TS, R5T-TS
RTD input
R5-RS, R5T-RS
Discrete input
R5-DA4, R5T-DA4, R5-DA16
Discrete output
R5-DC4, R5T-DC4, R5-DC16
4 – 20 mA input with
excitation supply
R5-DS, R5T-DS
Potentiometer input
R5-MS
CT input
R5T-CT
AC current input with
clamp-on current sensor
R5T-CTA*, R5T-CTB*
PT input
R5T-PT
* Data range must be setup with the PC Con gurator Software
R5CON and the dedicated cable.
• R7M Series Remote I/O*
SIGNAL TYPE
MODELS
DC voltage/current input
R7M-SV4
Thermocouple input
R7M-TS4
RTD input
R7M-RS4
Potentiometer input
R7M-MS4
CT input
R7M-CT4E
Discrete input
R7M-DA16
Discrete output
R7M-DC16A, R7M-DC16B,
R7M-DC8C
Discrete input (Extension)
R7M-EA8, R7M-EA16
Discrete output (Extension) R7M-EC8A, R7M-EC8B,
R7M-EC16A, R7M-EC16B
* Must be setup with R7X Con gurator Software and the dedi-
cated cable.
• R7E Series Remote I/O
SIGNAL TYPE
MODELS
DC voltage/current input
R7E-SV4
Thermocouple input
R7E-TS4
RTD input
R7E-RS4
Potentiometer input
R7E-MS4
CT input
R7E-CT4E*
Discrete input
R7E-DA16
Discrete output
R7E-DC16A, R7E-DC16B
Discrete input (Extension)
R7E-EA8, R7E-EA16
Discrete output (Extension) R7E-EC8A, R7E-EC8B,
R7E-EC16A, R7E-EC16B
* Must be setup with R7X Con gurator Software and the dedi-
cated cable.
• Power Multimeter
TYPE
MODELS
Power multimeter
53U*
* Choose ‘Modbus’ option. Only 1 DO can be used for alarm
output.
• ETHERNET Tower Light
SIGNAL TYPE
MODELS
Discrete output
IT60RE, IT40SRE, IT50SRE,
IT60SRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com