Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR1100-N-R Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # 73VR1100-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100-N-R Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button 73VR1100-N-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 14Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 15Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 11/18
https://www.m-system.co.jp/
minutes (Actual storing rate depends upon the number of
I/O devices. Contact M-System for more information.)
[Example] Max. number of I/O devices that ensures 500
msec. storing intervals under the following conditions:
Data cycle priority on alarm, RS-485 connection, no trigger
or alarm setting
R1M-GH2: 10
RZMS-U9: 2
R3-NE1: 1 (128 channels, analog input only)
■ DATA STORAGE
Data file: Stores momentary values in the storing rate and
their calculation result.
Alarm history file: Records time index information when
alarms are triggered and reset.
Oldest data is overwritten with new data when the number
of records reaches its limit.
Comment history file: Records comments written in trend
views with time index. Oldest data is overwritten with new
data when the number of records reaches 1000 files.
Configuration file: Stores the 73VR1100 setting.
File format: Binary
Oldest measured data is overwritten with new data or data
recording is stopped when the card memory is full.
■ ALARM
• Analog Alarm
Alarm setpoints: Max. 4 points per channel
Alarm type: High / Low
Deadband: Set in engineering unit values
Output: Remote output devices
• Discrete Alarm
Alarm type: ON / OFF
Delay time: Selectable
Output: Remote output devices
• Data Storage: Trigger time, reset time, pen number and
tag name, alarm message
Number of stored alarm events: Depends upon the CF Card
capacity.
128 MB: 250 events
256 MB: 500 events
512 MB or 1 GB: 1000 events
■ CALCULATION FUNCTIONS
Function pen points
High speed mode: 32 points
Normal mode: 32 or 64 points selectable
Operations
Arithmetic: Addition/subtraction, Multiplication, Division
Logical: AND, OR, NOT, XOR
Mathematical: Square root extractor, Power
Accumulation: Analog accumulation, Pulse accumulation
(per time unit)
Filter: Moving average, First order lag
Hold: Peak (maximum) hold (tracking increasing signal),
Peak (minimum) hold (tracking decreasing signal)
F value: F value
Anemoscope (16 directions)
Alarm: Alarm trip can be programmed for calculated results.
■ DATA DISPLAY FUNCTIONS
• Trend View
Chart direction: Perpendicular or horizontal
Number of pens displayed: 2, 4, 6, 8 per view
Number of display views: 4
Chart speed:(Chart speed is described as number of pixels
to plot single data sample.)(pixel(s)/samples)
•4, 1, 1/5, 1/32
•1/160, 1/480 or 1/960 (Not selectable with 100 msec.
storing rate)
Display rate:(Common setting to all views)
1, 2 or 5 sec.
Pen thickness: Normal and wide
Digital indicator: Shows momentary value.
Alarm indicator: Shows alarm status of the channels
displayed on the screen.
Comment: Shows comments entered manually.
Scale: Linear and square root; Switchable to the engineering
unit scale.
• Bargraph View
Bargraph direction: Perpendicular or horizontal
Number of pens displayed: 2, 4, 6, 8 per view
Number of display views: 4
Display rate:(Common setting to all views)
1, 2 or 5 sec.
Digital indicator: Shows momentary value.
Alarm indicator: Shows alarm status of the channels
displayed on the screen.
Scale: Linear and square root;
Switchable to the engineering unit scale.
• Overview
Number of pens displayed: 2, 4, 6, 8, 16 per view
Number of display views: 64
Display rate:(Common setting to all views)
1, 2, or 5 sec.
Alarm indicator: Shows alarm status and date/time of the
last alarm trip and reset for the channels displayed on the
screen.
• Graphic View
Number of display views: 2
Display rate:(Common setting to all views)
1, 2 or 5 sec.
Background image file format: .bmp
Background image size: 320 by 240 pixels
Background image color: 256
Number of components displayed: Max. 64 per view
• Retrieve View: Shows data stored in the CF Card.
Number of pens displayed: 2, 4, 6, 8 per view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com