Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR1100-N-R Datasheet(PDF) 15 Page - M-System Co.,Ltd.

Part # 73VR1100-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100-N-R Datasheet(HTML) 15 Page - M-System Co.,Ltd.

Back Button 73VR1100-N-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 14Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 15Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 16Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 17Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 18Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 15/18
https://www.m-system.co.jp/
■ STORABLE TIME DURATION IN 1GB CF CARD
STORING
RATE
APPROXIMATE TIME DURATION
8 ch input
16 ch input
32 ch input
64 ch input
128 ch input
0.1 seconds
27 days, 16 hours
15 days, 8 hour
8 days, 8 hours
4 days, 8 hours
---
0.5 seconds
138 days
77 days
40 days
20 days, 16 hours
14 days
1 second
277 days
154 days
81 days, 16 hours
42 days
28 days, 8 hours
10 seconds
7 years, 222 days
4 years, 83 days
2 years, 86 days
1 years, 55 days
213 days
1 minute
10 years minimum
10 years minimum
10 years minimum
6 years, 335 days
3 years, 172 days
--- : Not Applicable
Note 1: Data are calculated ones, and thus not guaranteed.
Note 2: Assuming 4 bytes per data per channel.
Note 3: A year is calculated as 365 days.
SYSTEM CONFIGURATION EXAMPLES
■ R1M, R2M, RZMS
[Example 1]
RS-485
PC Recorder
(model: R1M-GH
or R1MS-GH3)
PC Recorder
(model: R1M-D1)
PC Recorder
(model: R1M-P4)
RS-485
PC Recorder
(model: R1M-A1)
PC Recorder
(model: R1M-D1)
PC Recorder
(model: R1M-A1)
PC Recorder
(model: R1M-GH)
RS-232-C
Interlink / Reverse
Cable
PC Recorder
(model: R2M)
PC Recorder
(model: RZMS-U9)
Paperless Recorder
(model: 73VR1100)
[Example 2]
PC Recorder
(model: RZMS-U9)
PC Recorder
(model: RZMS-U9)
PC Recorder
(model: RZMS-U9)
Paperless Recorder
(model: 73VR1100)
RS-485
Ethernet
Ethernet
Communication Adaptor
(model: 72EM2-M4)
Hub / Switch
RS-485
Communication Adaptor
(model: 72EM2-M4)
100 Mbps
Note 1: Use a dedicated network for the 73VR1100 and its input devices.
Note 2: The sampling rate depends upon the number of devices to be connected.
ETHERNET
RUN
SEND
FIELD
CNFG
RS-485
ETHERNET
RUN
SEND
FIELD
CNFG
RS-485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com