Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR1100-N-R Datasheet(PDF) 13 Page - M-System Co.,Ltd.

Part # 73VR1100-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR1100-N-R Datasheet(HTML) 13 Page - M-System Co.,Ltd.

Back Button 73VR1100-N-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 11Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 12Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 13Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 14Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 15Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 16Page - M-System Co.,Ltd. 73VR1100-N-R Datasheet HTML 17Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MODEL: 73VR1100
73VR1100 SPECIFICATIONS
ES-7399 Rev.24 Page 13/18
https://www.m-system.co.jp/
■ OTHER FUNCTIONS
• Operation Lockout
With a password setting, unauthorized operations on the
Trend View, Bargraph View and Overview can be locked out.
• Data File Used Volume Information
A bargraph with % indication is provided on the screen to
show how much percent of the data file memory has been
used up.
0 – 49 % used: Green bargraph
50 – 79 % used: Amber bargraph
80 – 100 % used: Red bargraph
• Hot Swapping of the CF Card
The CF Card is hot swappable: removable during data
recording. However, there may be a slight disturbance in
storing rate when the card is inserted.
• Screen Saver
The backlight is automatically turned off if the screen is
untouched for a certain time period.
• Writing/Reading Setting
The recorder’s present setting can be stored in a USB flash-
memory. Setting stored in the memory can be read in to the
73VR1100.
■ SELECTABLE REMOTE I/O MODULES
• PC Recorder (R1, R2, RZ) Series
SIGNAL TYPE
MODELS
DC voltage input
R1M-GH2, R1MS-GH3, R2M-2G3,
RZMS-U9
Thermocouple input
R1M-GH2 R1MS-GH3, R2M-2H3,
RZMS-U9
DC current input
R1M-GH2 R1MS-GH3, RZMS-U9
RTD input
R1M-J3, RZMS-U9
Potentiometer input
R1M-J3, RZMS-U9
Contact input
R1M-A1
Contact output
R1M-D1
Pulse input
R1M-P4
Totalized pulse input
R1M-P4, R1M-A1
• R3 Series Remote I/O
SIGNAL TYPE
MODELS
DC voltage input
R3-SV4, R3-SV4A, R3-SV4B,
R3-SV4C, R3(Y)-SV8, R3-SV8A,
R3-SV8B, R3-SV8C, R3(S/Y)-SV8N,
R3-SV16N, R3Y-SV16
DC current input
R3-SS4, R3(Y)-SS8, R3(S/Y)-SS8N,
R3(Y)-SS16N
Thermocouple input R3-TS4, R3-TS8
RTD input
R3-RS4, R3(S)-RS4A, R3(Y)-RS8,
R3-RS8A, R3-RS8B
Universal input
R3-US4
Discrete input
R3(S/Y)-DA16, R3(Y)-DA16A,
R3-DA16B, R3-DA32A, R3-DA64A
Discrete output
R3(Y)-DC16, R3-DC16A, R3-DC16B,
R3-DC16C, R3-DC32A, R3-DC32C,
R3-DC64A, R3-DC64C
Discrete I/O
R3(S)-DAC16*, R3(S)-DAC16A*
4 – 20mA input with
excitation supply
R3(Y)-DS4, R3-DS8N, R3(Y)-DS8N
Potentiometer input
R3-MS4, R3(Y)-MS8
CT input
R3-CT4
AC current input with
clamp-on current
sensor
R3-CT4A**, R3-CT4B**, R3-CT4C,
R3-CT8A**, R3-CT8B**, R3-CT8C
PT input
R3-PT4
Zero-phase current
input
R3-CZ4
AC power input
R3-WT4, R3-WT4A, R3-WT4B,
R3-WTU
High speed pulse
input
R3-PA4
Speed/position input R3-PA2
Totalized pulse input R3-PA4A, R3-PA4B, R3(Y)-PA16,
R3(S)-PA8
Strain gauge input
R3-LC2
Alarm
R3-AD4, R3-AR4, R3-AS4, R3-AS8,
R3-AT4, R3-AV4, R3-AV8
Gateway
R3-GC1, R3-GD1, R3-GE1,
R3-GFL1, R3-GM1
* Only continuous output mode is available.
** Data range must be setup with the PC Con gurator Software
R3CON and the dedicated cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com