Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-90UT Datasheet(PDF) 59 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 59 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 55Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 56Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 57Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 58Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 59Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 60Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 61Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 62Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
59/110
PSD813F1V
Port Data Registers
The Port Data Registers, shown in Table 27, are
used by the MCU to write data to or read data from
the ports. Table 27 shows the register name, the
ports having each register type, and MCU access
for each register type. The registers are described
below.
Data In
Port pins are connected directly to the Data In buff-
er. In MCU I/O input mode, the pin input is read
through the Data In buffer.
Data Out Register
Stores output data written by the MCU in the MCU
I/O output mode. The contents of the Register are
driven out to the pins if the Direction Register or
the output enable product term is set to ‘1.’ The
contents of the register can also be read back by
the MCU.
Output Macrocells (OMC)
The CPLD Output Macrocells (OMC) occupy a lo-
cation in the microcontroller’s address space. The
microcontroller can read the output of the OMCs.
If the Mask Macrocell Register bits are not set,
writing to the Macrocell loads data to the Macrocell
flip flops. See the section entitled PLD’S, page 34.
Mask Macrocell Register
Each Mask Register bit corresponds to an OMC
flip flop. When the Mask Register bit is set to a “1”,
loading data into the OMC flip flop is blocked. The
default value is “0” or unblocked.
Input Macrocells (IMC)
The IMCs can be used to latch or store external in-
puts. The outputs of the IMCs are routed to the
PLD input bus, and can be read by the microcon-
troller.
Refer
to
the
section
entitled
PLD’S, page 34 for a detailed description.
Table 27. Port Data Registers
Register Name
Port
MCU Access
Data In
A,B,C,D
READ – input on pin
Data Out
A,B,C,D
WRITE/READ
Output Macrocell
A,B,C
READ – outputs of macrocells
WRITE – loading macrocell flip-flop
Mask Macrocell
A,B,C
WRITE/READ – prevents loading into a given
macrocell
Input Macrocell
A,B,C
READ – outputs of the Input Macrocells
Enable Out
A,B,C
READ – the output enable control of the port driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com