Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-90UT Datasheet(PDF) 36 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 32Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 33Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 34Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 35Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 36Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 37Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 38Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 39Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
PSD813F1V
36/110
DECODE PLD (DPLD)
The DPLD, shown in Figure 16, is used for decod-
ing the address for internal and external compo-
nents. The DPLD can be used to generate the
following decode signals:
■
8 sector selects for the main Flash memory
(three product terms each)
■
4 sector selects for the EEPROM (three
product terms each)
■
1 internal SRAM select signal (two product
terms)
■
1 internal CSIOP (PSD configuration register)
select signal
■
1 JTAG select signal (enables JTAG on Port
C)
■
2 internal peripheral select signals (peripheral
I/O mode).
Figure 16. DPLD Logic Array
Note: 1. The address inputs are A19-A4 in 80C51XA mode.
(INPUTS)
(24)
(8)
(16)
(1)
PDN (APD OUTPUT)
I /O PORTS (PORT A,B,C)
(8)
PGR0 - PGR7
(8)
MCELLAB.FB [7:0] (FEEDBACKS)
MCELLBC.FB [7:0] (FEEDBACKS)
A[15:0]
(1)
(3)
(3)
PD[2:0] (ALE,CLKIN,CSI)
CNTRL[2:0] (READ/WRITE CONTROL SIGNALS)
(1)
(1)
RESET
RD_BSY
RS0
CSIOP
PSEL0
PSEL1
8 FLASH MEMORY
SECTOR SELECTS
SRAM SELECT
I/O DECODER
SELECT
PERIPHERAL I/O
MODE SELECT
EES 0
EES 1
EES 2
EES 3
FS0
FS7
3
3
3
3
3
3
3
3
3
3
3
3
2
JTAGSEL
AI09226
FS1
FS2
FS3
FS6
FS5
FS4
1
1
1
1
EEPROM
SELECTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com