Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-90UT Datasheet(PDF) 46 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 42Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 43Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 44Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 45Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 46Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 47Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 48Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 49Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
PSD813F1V
46/110
PSD Interface to a Non-Multiplexed 8-Bit Bus
Figure 22 shows an example of a system using a
microcontroller with an 8-bit non-multiplexed bus
and a PSD. The address bus is connected to the
ADIO Port, and the data bus is connected to Port
A. Port A is in tri-state mode when the PSD is not
accessed by the microcontroller. Should the sys-
tem address bus exceed sixteen bits, Ports B, C,
or D may be used for additional address inputs.
Figure 22. An Example of a Typical 8-bit Non-Multiplexed Bus Interface
MCU
WR
RD
BHE
ALE
RESET
D [ 7:0]
A[ 15:0]
A[ 23:16]
D [ 7:0]
ADIO
PORT
PORT
A
PORT
B
PORT
C
WR (CNTRL0)
RD (CNTRL1)
BHE (CNTRL2)
RST
ALE (PD0)
PORT D
(OPTIONAL)
PSD
AI02879C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com