Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-90UT Datasheet(PDF) 93 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 93 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 89Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 90Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 91Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 92Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 93Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 94Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 95Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 96Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
93/110
PSD813F1V
Table 58. WRITE Timing (3V devices)
Note: 1. Any input used to select an internal PSD function.
2. In multiplexed mode, latched address generated from ADIO delay to address output on any port.
3. WR has the same timing as E, LDS, UDS, WRL, and WRH signals.
4. Assuming data is stable before active WRITE signal.
5. Assuming WRITE is active before data becomes valid.
6. TWHAX2 is the address hold time for DPLD inputs that are used to generate Sector Select signals for internal PSD memory.
Table 59. Flash Program, WRITE and Erase Times (5V devices)
Note: 1. Programmed to all zero before erase.
2. The polling status, DQ7, is valid tQ7VQV time units before the data byte, DQ0-DQ7, is valid for reading.
Symbol
Parameter
Conditions
-15
-20
Unit
MinMax
MinMax
tLVLX
ALE or AS Pulse Width
26
30
tAVLX
Address Setup Time
(Note 1)
10
12
ns
tLXAX
Address Hold Time
(Note 1)
12
14
ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1,3)
20
25
ns
tSLWL
CS Valid to Leading Edge of WR
(Note 3)
20
25
ns
tDVWH
WR Data Setup Time
(Note 3)
45
50
ns
tWHDX
WR Data Hold Time
(Note 3)
810
ns
tWLWH
WR Pulse Width
(Note 3)
48
53
ns
tWHAX1
Trailing Edge of WR to Address Invalid
(Note 3)
12
17
ns
tWHAX2
Trailing Edge of WR to DPLD Address Invalid
(Note 3,6)
00
ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
45
50
ns
tDVMV
Data Valid to Port Output Valid
Using Macrocell Register Preset/Clear
(Notes 3,5)
90
100
ns
tAVPV
Address Input Valid to Address
Output Delay
(Note 2)
48
55
ns
tWLMV
WR Valid to Port Output Valid Using
Macrocell Register Preset/Clear
(Notes 3,4)
90
100
ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
Flash Program
8.5
s
Flash Bulk Erase1 (pre-programmed)
330
s
Flash Bulk Erase (not pre-programmed)
10
s
tWHQV3
Sector Erase (pre-programmed)
1
30
s
tWHQV2
Sector Erase (not pre-programmed)
2.2
s
tWHQV1
Byte Program
14
1200
µs
Program / Erase Cycles (per Sector)
100,000
cycles
tWHWLO
Sector Erase Time-Out
100
µs
tQ7VQV
DQ7 Valid to Output (DQ7-DQ0) Valid (Data Polling)2
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com