Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-90UT Datasheet(PDF) 94 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 94 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 90Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 91Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 92Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 93Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 94Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 95Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 96Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 97Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
PSD813F1V
94/110
Table 60. Flash Program, WRITE and Erase Times (3V devices)
Note: 1. Programmed to all zero before erase.
2. The polling status, DQ7, is valid tQ7VQV time units before the data byte, DQ0-DQ7, is valid for reading.
Table 61. EEPROM WRITE Times (5V devices)
Note: 1. If the maximum time has elapsed between successive WRITE cycles to an EEPROM page, the transfer of this data to EEPROM
cells will begin. Also, bytes cannot be written (loaded) to a page any faster than the indicated minimum type.
2. These specifications are for writing a page to EEPROM cells.
Table 62. EEPROM WRITE Times (3V devices)
Note: 1. If the maximum time has elapsed between successive WRITE cycles to an EEPROM page, the transfer of this data to EEPROM
cells will begin. Also, bytes cannot be written (loaded) to a page any faster than the indicated minimum type.
2. These specifications are for writing a page to EEPROM cells.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Flash Program
8.5
s
Flash Bulk Erase1 (pre-programmed)
330
s
Flash Bulk Erase (not pre-programmed)
10
s
tWHQV3
Sector Erase (pre-programmed)
1
30
s
tWHQV2
Sector Erase (not pre-programmed)
2.2
s
tWHQV1
Byte Program
14
1200
µs
Program / Erase Cycles (per Sector)
100,000
cycles
tWHWLO
Sector Erase Time-Out
100
µs
tQ7VQV
DQ7 Valid to Output (DQ7-DQ0) Valid (Data Polling)2
30
ns
Symbol
Parameter
Min
Typ
Max
Unit
tEEHWL
Write Protect After Power Up
5
ms
tBLC
EEPROM Byte Load Cycle Timing (Note 1)
0.2
120
µs
tWCB
EEPROM Byte Write Cycle Time
4
10
ms
tWCP
EEPROM Page Write Cycle Time (Note 2)
630
ms
Program/Erase Cycles (Per Sector)
10,000
cycles
Symbol
Parameter
Min
Typ
Max
Unit
tEEHWL
Write Protect After Power Up
5
ms
tBLC
EEPROM Byte Load Cycle Timing (Note 1)
0.2
120
µs
tWCB
EEPROM Byte Write Cycle Time
4
10
ms
tWCP
EEPROM Page Write Cycle Time (Note 2)
630
ms
Program/Erase Cycles (Per Sector)
10,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com