Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-90UT Datasheet(PDF) 19 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 15Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 16Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 17Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 18Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 19Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 20Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 21Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 22Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
19/110
PSD813F1V
Memory Operation
The main Flash and EEPROM memory are ad-
dressed through the microcontroller interface on
the PSD device. The microcontroller can access
these memories in one of two ways:
–
The microcontroller can execute a typical bus
WRITE or READ operation just as it would if
accessing a RAM or ROM device using
standard bus cycles.
–
The microcontroller can execute a specific
instruction that consists of several WRITE and
READ operations. This involves writing
specific data patterns to special addresses
within the Flash or EEPROM to invoke an
embedded algorithm. These instructions are
summarized in Table 8., page 20.
Typically, Flash memory can be read by the micro-
controller using READ operations, just as it would
read a ROM device. However, Flash memory can
only be erased and programmed with specific in-
structions. For example, the microcontroller can-
not write a single byte directly to Flash memory as
one would write a byte to RAM. To program a byte
into Flash memory, the microcontroller must exe-
cute a program instruction sequence, then test the
status of the programming event. This status test
is achieved by a READ operation or polling the
Ready/Busy pin (PC3).
The Flash memory can also be read by using spe-
cial instructions to retrieve particular Flash device
information (sector protect status and ID).
The EEPROM is a bit different. Data can be written
to EEPROM memory using write operations, like
writing to a RAM device, but the status of each
WRITE event must be checked by the microcon-
troller. A WRITE event can be one to 64 contigu-
ous bytes. The status test is very similar to that
used for Flash memory (READ operation or
Ready/Busy). Optionally, the EEPROM memory
may be put into a Software Data Protect (SDP)
mode where it requires instructions, rather than
operations, to alter its contents. SDP mode makes
writing to EEPROM much like writing to Flash
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com