Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1V-90UT Datasheet(PDF) 105 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 105 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 101Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 102Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 103Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 104Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 105Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 106Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 107Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 108Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 110 page
background image
105/110
PSD813F1V
PART NUMBERING
Table 78. Ordering Information Scheme
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
PSD8
1
3
F
1
A
–
15
J
1
T
Device Type
PSD8 = 8-bit PSD with Register Logic
SRAM Capacity
1 = 16 Kbit
Flash Memory Capacity
3 = 1 Mbit (128Kb x 8)
2nd Flash Memory
1 = 256 Kbit EEPROM
Operating Voltage
V = VCC = 3.0 to 3.6V
Speed
70 = 70ns
90 = 90ns
12 = 120ns
Package
J = PLCC52
M = PQFP52
U = TQFP64
Temperature Range
blank = 0 to 70°C (commercial)
I = –40 to 85°C (industrial)
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com