Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1612BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADGS1612BCPZ
Description  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1612BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADGS1612BCPZ Datasheet HTML 21Page - Analog Devices ADGS1612BCPZ Datasheet HTML 22Page - Analog Devices ADGS1612BCPZ Datasheet HTML 23Page - Analog Devices ADGS1612BCPZ Datasheet HTML 24Page - Analog Devices ADGS1612BCPZ Datasheet HTML 25Page - Analog Devices ADGS1612BCPZ Datasheet HTML 26Page - Analog Devices ADGS1612BCPZ Datasheet HTML 27Page - Analog Devices ADGS1612BCPZ Datasheet HTML 28Page - Analog Devices ADGS1612BCPZ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
ADGS1612
Data Sheet
Rev. 0 | Page 26 of 29
REGISTER SUMMARY
Table 11. Register Summary
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
RW
0x01
SW_DATA
[7:0]
RESERVED
SW4_EN
SW3_EN
SW2_EN
SW1_EN
0x00
R/W
0x02
ERR_CONFIG
[7:0]
RESERVED
RW_ERR_EN
SCLK_ERR_EN
CRC_ERR_EN
0x06
R/W
0x03
ERR_FLAGS
[7:0]
RESERVED
RW_ERR_FLAG
SCLK_ERR_FLAG
CRC_ERR_FLAG
0x00
R
0x05
BURST_EN
[7:0]
RESERVED
BURST_MODE_EN
0x00
R/W
0x0B
SOFT_RESETB
[7:0]
SOFT_RESETB
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com