Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1612BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADGS1612BCPZ
Description  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1612BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADGS1612BCPZ Datasheet HTML 13Page - Analog Devices ADGS1612BCPZ Datasheet HTML 14Page - Analog Devices ADGS1612BCPZ Datasheet HTML 15Page - Analog Devices ADGS1612BCPZ Datasheet HTML 16Page - Analog Devices ADGS1612BCPZ Datasheet HTML 17Page - Analog Devices ADGS1612BCPZ Datasheet HTML 18Page - Analog Devices ADGS1612BCPZ Datasheet HTML 19Page - Analog Devices ADGS1612BCPZ Datasheet HTML 20Page - Analog Devices ADGS1612BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
ADGS1612
Rev. 0 | Page 17 of 29
300
0
–6
14
VS (V)
50
100
150
200
250
–4
–2
0246
8
10
12
TA = 25°C
VDD = 12.0V, VSS = 0V
VDD = 5V, VSS = –5V
VDD = 5V, VSS = 0V
VDD = 3.3V, VSS = 0V
Figure 18. Charge Injection vs. Source Voltage, VS
0
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
WITH 10µF AND 100nF DECOUPLING CAP
WITH 100nF DECOUPLING CAP
WITHOUT DECOUPLING CAP
TA = 25°C
VDD = +5V
VSS = –5V
Figure 19. AC Power Supply Power Rejection Ratio (AC PSRR) vs. Frequency,
±5 V Dual Supply
0
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
FREQUENCY (Hz)
15k
20k
10k
5k
RL = 110Ω, TA = 25°C
VDD = +12.0V, VS = 5V p-p
VDD = +5V , VSS = –5V, VS = 5V p-p
VDD = +5V, VS = 3.5V
VDD = +3.3V, VS = 2V
Figure 20. THD + N vs. Frequency, ±5 V Dual Supply
0
–1
–3
–2
–5
–4
–6
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
TA = 25°C
VDD = +5V
Figure 21. Bandwidth
600
0
–40
256085
125
TEMPERATURE (°C)
100
200
300
400
500
5.5V DUAL SUPPLY,
tON
13.2V SINGLE SUPPLY,
tON
5.5V SINGLE SUPPLY,
tON
5.5V DUAL SUPPLY,
tOFF
13.2V SINGLE SUPPLY,
tOFF
5.5V SINGLE SUPPLY,
tOFF
Figure 22. tON, tOFF Times vs. Temperature, VL = 5.5 V
600
0
–40
256085
125
TEMPERATURE (°C)
100
200
300
400
500
3.3V SINGLE SUPPLY,
tON
3.3V SINGLE SUPPLY,
tOFF
Figure 23. tON, tOFF Times vs. Temperature, VL = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com