Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1612BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADGS1612BCPZ
Description  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1612BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADGS1612BCPZ Datasheet HTML 10Page - Analog Devices ADGS1612BCPZ Datasheet HTML 11Page - Analog Devices ADGS1612BCPZ Datasheet HTML 12Page - Analog Devices ADGS1612BCPZ Datasheet HTML 13Page - Analog Devices ADGS1612BCPZ Datasheet HTML 14Page - Analog Devices ADGS1612BCPZ Datasheet HTML 15Page - Analog Devices ADGS1612BCPZ Datasheet HTML 16Page - Analog Devices ADGS1612BCPZ Datasheet HTML 17Page - Analog Devices ADGS1612BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ADGS1612
Data Sheet
Rev. 0 | Page 14 of 29
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
D4
S4
GND
VSS
S1
D1
D3
S3
VDD
NIC
S2
D2
ADGS1612
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS CONNECTED
INTERNALLY. FOR INCREASED RELIABILITY
OF THE SOLDER JOINTS AND MAXIMUM
THERMAL CAPABILITY, IT IS RECOMMENDED
THAT THE EXPOSED PAD BE SOLDEREDTO
THE SUBSTRATE, VSS.
2. NIC = NOT INTERNALLY CONNECTED.
Figure 5. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D1
Drain Terminal 1. This pin can be an input or an output.
2
S1
Source Terminal 1. This pin can be an input or an output.
3
VSS
Most Negative Power Supply Potential. In single-supply applications, tie this pin to ground.
4, 11
GND
Ground (0 V) Reference.
5
S4
Source Terminal 4. This pin can be an input or an output.
6
D4
Drain Terminal 4. This pin can be an input or an output.
7, 8, 10, 12,
16, 19, 24
NIC
Not Internally Connected. These pins are not internally connected.
9
RESET/VL
Reset/Logic Power Supply Input. Under normal operation, drive the RESET/VL pin with a 2.7 V to 5.5 V supply.
Pull the pin low to complete a hardware reset. All switches are opened, and the appropriate registers are set
to their default settings.
13
D3
Drain Terminal 3. This pin can be an input or an output.
14
S3
Source Terminal 3. This pin can be an input or an output.
15
VDD
Most Positive Power Supply Potential.
17
S2
Source Terminal 2. This pin can be an input or an output.
18
D2
Drain Terminal 2. This pin can be an input or an output.
20
SDO
Serial Data Output. This pin can be used for daisy-chaining a number of these devices together or for reading
back the data stored in a register for diagnostic purposes. The serial data is propagated on the falling edge of
SCLK. Pull this open-drain output to VL with an external resistor.
21
CS
Active Low Control Input. CS is the frame synchronization signal for the input data. When CS goes low, it
powers on the SCLK buffers and enables the input shift register. Data is transferred in on the falling edges of
the following clocks. Taking CS high updates the switch condition.
22
SCLK
Serial Clock Input. Data is captured on the positive edge of SCLK. Data is transferred at rates of up to 50 MHz.
23
SDI
Serial Data Input. Data is captured on the positive edge of the serial clock input.
EPAD
Exposed Pad. The exposed pad is connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the exposed pad be soldered to the substrate, VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com