Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1612BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADGS1612BCPZ
Description  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1612BCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADGS1612BCPZ Datasheet HTML 1Page - Analog Devices ADGS1612BCPZ Datasheet HTML 2Page - Analog Devices ADGS1612BCPZ Datasheet HTML 3Page - Analog Devices ADGS1612BCPZ Datasheet HTML 4Page - Analog Devices ADGS1612BCPZ Datasheet HTML 5Page - Analog Devices ADGS1612BCPZ Datasheet HTML 6Page - Analog Devices ADGS1612BCPZ Datasheet HTML 7Page - Analog Devices ADGS1612BCPZ Datasheet HTML 8Page - Analog Devices ADGS1612BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SPI Interface, 1 Ω RON, ±5 V, 12 V, 5 V,
3.3 V, Mux Configurable, Quad SPST Switch
Data Sheet
ADGS1612
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SPI interface with error detection
Includes CRC, invalid read/write address, and SCLK count
error detection
Supports burst mode and daisy-chain mode
Industry-standard SPI Mode 0 and SPI Mode 3 interface
compatible
Guaranteed break-before-make switching allowing external
wiring of switches to deliver multiplexer configurations
1 Ω typical on resistance at 25°C
0.23 Ω typical on resistance flatness at 25°C
VSS to VDD analog signal range
Fully specified at ±5 V, 12 V, 5 V, and 3.3 V
±3.3 V to ±8 V dual-supply operation
3.3 V to 16 V single-supply operation
1.8 V logic compatibility with 2.7 V ≤ VL ≤ 3.3 V
4 mm × 4 mm, 24-lead LFCSP package
APPLICATIONS
Communication systems
Medical systems
Audio and video signal routing
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Relay replacements
FUNCTIONAL BLOCK DIAGRAM
SDO
D4
S4
D3
S3
D2
S2
D1
S1
SPI
INTERFACE
SCLK
SDI
CS
RESET/VL
ADGS1612
Figure 1.
GENERAL DESCRIPTION
The ADGS1612 contains four independent single-pole/single-
throw (SPST) switches. A serial peripheral interface (SPI) controls
the switches. The SPI interface has robust error detection features,
including cyclic redundancy check (CRC) error detection,
invalid read/write address detection, and serial clock (SCLK)
count error detection.
It is possible to daisy-chain multiple ADGS1612 devices together.
Daisy-chaining enables the configuration of multiple devices with a
minimal amount of digital lines. The ADGS1612 can also operate
in burst mode to decrease the time between SPI commands.
Each switch conducts equally well in both directions when on, and
each switch has an input signal range that extends to the supplies.
In the off condition, signal levels up to the supplies are blocked.
The ultralow on resistance (RON) of these switches make them
ideal solutions for data acquisition and gain switching
applications where low RON and low distortion are critical. The
RON profile is very flat over the full analog input range, ensuring
excellent linearity and low distortion when switching audio
signals. The ADGS1612 exhibits break-before-make switching
action for use in multiplexer applications. Note that throughout
this data sheet, the multifunction pin, RESET/VL, is referred to
either by the entire pin name or by a single function of the pin,
for example, VL, when only that function is relevant.
PRODUCT HIGHLIGHTS
1.
The SPI interface removes the need for parallel conversion
and logic traces and reduces general-purpose input/output
(GPIO) channel count.
2.
Daisy-chain mode removes additional logic traces when
multiple devices are used.
3.
CRC, invalid read/write address, and SCLK count error
detection ensure a robust digital interface.
4.
CRC error detection capabilities allow the use of the
ADGS1612 in safety critical systems.
5.
Guaranteed break-before-make switching allows the use of
the ADGS1612 in multiplexer configurations with external
wiring.
6.
Minimum distortion.


Similar Part No. - ADGS1612BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGS1208 AD-ADGS1208 Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1208BCPZ AD-ADGS1208BCPZ Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1208BCPZ-RL7 AD-ADGS1208BCPZ-RL7 Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1209 AD-ADGS1209 Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1209BCPZ AD-ADGS1209BCPZ Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
More results

Similar Description - ADGS1612BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1606 AD-ADG1606 Datasheet
522Kb / 24P
4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
ADGS1212 AD-ADGS1212 Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
ADGS1408 AD-ADGS1408 Datasheet
498Kb / 34P
SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
6/2018-Revision 0
ADGS5412 AD-ADGS5412 Datasheet
608Kb / 30P
SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
7/2018-Rev. 0 to Rev. A
ADGS5414 AD-ADGS5414 Datasheet
442Kb / 30P
SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
10/2017-Revision 0
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com