Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1612BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADGS1612BCPZ
Description  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1612BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADGS1612BCPZ Datasheet HTML 21Page - Analog Devices ADGS1612BCPZ Datasheet HTML 22Page - Analog Devices ADGS1612BCPZ Datasheet HTML 23Page - Analog Devices ADGS1612BCPZ Datasheet HTML 24Page - Analog Devices ADGS1612BCPZ Datasheet HTML 25Page - Analog Devices ADGS1612BCPZ Datasheet HTML 26Page - Analog Devices ADGS1612BCPZ Datasheet HTML 27Page - Analog Devices ADGS1612BCPZ Datasheet HTML 28Page - Analog Devices ADGS1612BCPZ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Data Sheet
ADGS1612
Rev. 0 | Page 25 of 29
APPLICATIONS INFORMATION
BREAK-BEFORE-MAKE SWITCHING
The ADGS1612 exhibits break-before-make switching action,
which allows the use of the device in multiplexer applications. A
multiplexer can be achieved by externally hardwiring the device
in the mux configuration that is required, as shown in Figure 45.
4 × SPST
S1
S4
S2
S3
D1
4:1 MUX
SCLK SDI
CS RESET/VL
SPI
INTERFACE
1ALL Dx PINS ARE CONNECTED AS ONE DRAIN.
Figure 45. SPI Controlled Switch Configured as a 4:1 Mux
DIGITAL INPUT BUFFERS
There are input buffers present on the digital inputs pins, CS,
SCLK, and SDI. These buffers are active at all times. Therefore,
there is current draw from the VL supply if SCLK or SDI is
toggling, regardless of whether CS is active. For typical values of
this current draw, refer to the Specifications section and Figure 26.
POWER SUPPLY RAILS
To guarantee correct operation of the ADGS1612, 0.1 μF
decoupling capacitors are required.
The ADGS1612 can operate with bipolar supplies between
±3.3 V and ±8 V. The supplies on VDD and VSS do not have to be
symmetrical; however, the VDD to VSS range must not exceed
16 V. The ADGS1612 can also operate with single supplies
between 3.3 V and 16 V with VSS connected to GND.
The voltage range that can be supplied to VL is from 2.7 V to 5.5 V.
The device is fully specified at ±5 V, 12 V, 5 V, and 3.3 V analog
supply voltage ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com