Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK207G Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCK207G
Description  0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK207G Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCK207G Datasheet HTML 1Page - Toshiba Semiconductor TCK207G Datasheet HTML 2Page - Toshiba Semiconductor TCK207G Datasheet HTML 3Page - Toshiba Semiconductor TCK207G Datasheet HTML 4Page - Toshiba Semiconductor TCK207G Datasheet HTML 5Page - Toshiba Semiconductor TCK207G Datasheet HTML 6Page - Toshiba Semiconductor TCK207G Datasheet HTML 7Page - Toshiba Semiconductor TCK207G Datasheet HTML 8Page - Toshiba Semiconductor TCK207G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TCK206G, TCK207G, TCK208G
2019-12-13
© 2019
Toshiba Electronic Devices & Storage Corporation
3
Block Diagram
Function table
Part number
Function
Reverse current blocking
Output auto-discharge
Control pin connection
TCK206G
Bulit in
N/A
Pull down (Active High)
TCK207G
Bulit in
Bulit in
Pull down (Active High)
TCK208G
Bulit in
Bulit in
OPEN (Active Low)
Operation Logic table
0.75 V
≤ VIN ≤ 3.6V (Ta = -40 to 85°C)
TCK206G
TCK207G
TCK208G
Control voltage
“High”
Output Q1
ON
ON
OFF
Discharge Q2
―
OFF
ON
Reverse current block
Disable
Disable
Active
Control voltage
“Low”
Output Q1
OFF
OFF
ON
Discharge Q2
―
ON
OFF
Reverse current block
Active
Active
Disable
Control voltage
“OPEN”
Output Q1
OFF
OFF
―
Discharge Q2
―
ON
―
Reverse current block
Active
Active
―
Control
Logic
Pull
Down
V
IN
VOUT
GND
Slew Rate
Control Driver
Output Discharge
(TCK207G, TCK208G)
CONTROL
Reverse Current
Blocking
Charge
Pump
Q1
Q2
Pull down
(TCK206G, TCK207G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com