Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK207G Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCK207G
Description  0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK207G Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCK207G Datasheet HTML 1Page - Toshiba Semiconductor TCK207G Datasheet HTML 2Page - Toshiba Semiconductor TCK207G Datasheet HTML 3Page - Toshiba Semiconductor TCK207G Datasheet HTML 4Page - Toshiba Semiconductor TCK207G Datasheet HTML 5Page - Toshiba Semiconductor TCK207G Datasheet HTML 6Page - Toshiba Semiconductor TCK207G Datasheet HTML 7Page - Toshiba Semiconductor TCK207G Datasheet HTML 8Page - Toshiba Semiconductor TCK207G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TCK206G, TCK207G, TCK208G
2019-12-13
© 2019
Toshiba Electronic Devices & Storage Corporation
4
Electrical Characteristics
DC Characteristics (Ta = -40 to 85°C)
Characteristics
Symbol
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Unit
Min
Typ.
Max
Min
Max
Input voltage
VIN
―
0.75
―
3.6
0.75
3.6
V
CONTROL High-level input voltage
VIH
―
0.9 V
≤VIN
0.9
―
―
0.9
―
V
VIN < 0.9V
VIN
―
―
VIN
―
V
CONTROL Low-level input voltage
VIL
―
0.9 V
≤VIN
―
―
0.4
―
0.4
V
VIN < 0.9V
―
―
0.3
―
0.3
V
Quiescent current (ON state)
IQ
VIN = VCT = 3.6 V,
IOUT = 0 mA
TCK206G
TCK207G
―
22
―
―
35
μA
VIN = 3.6 V, VCT = 0 V,
IOUT = 0 mA
TCK208G
Standby current (SW OFF state)
IQ(OFF)
VIN = 3.6 V, VCT = 0 V,
VOUT = OPEN
(Note 3)
TCK206G
TCK207G
―
0.7
―
―
5
μA
VIN = VCT = 3.6 V,
VOUT = OPEN
(Note 3)
TCK208G
Reverse blocking current
IRB
VOUT = 3.6 V, VIN = 0 V, VCT = 0 V
―
0.1
―
―
10
μA
On resistance
RON
VIN = 3.3 V, IOUT = -1.5 A
―
18.1
―
―
28
m
Ω
VIN = 1.8 V, IOUT = -1.5 A
―
18.1
―
―
28
VIN = 1.2 V, IOUT = -1.5 A
―
18.2
―
―
28
VIN = 1.0 V, IOUT = -1.5 A
―
18.2
―
―
28
VIN = 0.75 V, IOUT = -1.5 A
―
18.4
―
―
28
Discharge on resistance
RSD
― (TCK207G and TCK208G)
―
380
―
―
―
Ω
Note 3: Except SW OFF state switch current (ISD(OFF): VIN = 5.5 V, VCT = 0 V, VOUT : GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com