Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK207G Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCK207G
Description  0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK207G Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCK207G Datasheet HTML 2Page - Toshiba Semiconductor TCK207G Datasheet HTML 3Page - Toshiba Semiconductor TCK207G Datasheet HTML 4Page - Toshiba Semiconductor TCK207G Datasheet HTML 5Page - Toshiba Semiconductor TCK207G Datasheet HTML 6Page - Toshiba Semiconductor TCK207G Datasheet HTML 7Page - Toshiba Semiconductor TCK207G Datasheet HTML 8Page - Toshiba Semiconductor TCK207G Datasheet HTML 9Page - Toshiba Semiconductor TCK207G Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TCK206G, TCK207G, TCK208G
2019-12-13
© 2019
Toshiba Electronic Devices & Storage Corporation
6
Application Note
1.
Application circuit example (top view)
The figure below shows the example of configuration for TCK206G, TCK207G and TCK208G.
1)
Input capacitor
An input capacitor (CIN) is necessary for the stable operation of TCK206G, TCK207G and TCK208G. And it is effective
to reduce voltage drop due to sharp changes in output current and also for improved stability of the power supply. When
used, place CIN more than 1.0
μF as close to VIN pin to improve stability of the power supply.
2)
Output capacitor
An output capacitor (COUT) is not necessary for the guaranteed operation of TCK206G, TCK207G and TCK208G.
However, there is a possibility of overshoot or undershoot caused by output load transient response, board layout and
parasitic components of load switch IC. In this case, an output capacitor COUT more than 0.1
μF is recommended.
3)
Control pin
Control pins for TCK206G and TCK207G are both Active High and TCK208G is Active Low. These control both the
pass-through n-ch MOSFET and the discharge n-ch MOSFET (except TCK206G), operated by the control voltage. Each
control pin is equipped with Schmitt trigger. When the control voltage level is High (Low; TCK208G), Output n-ch MOSFET
is ON state and discharge n-ch MOSFET is SW OFF state. When control voltage level is Low (High; TCK208G), and the
state of the MOSFETs is reversed. Also, pull down resistance equivalent to a few M
Ω is connected between CONTROL
and GND, thus the load switch IC is in SW OFF state even when CONTROL pin is OPEN(except TCK208G). In addition,
CONTROL pin has a tolerant function such that it can be used even if the control voltage is higher than the input voltage.
2. Reverse current blocking
Reverse current blocking(SW OFF state) function is designed in these products. This function is active at output n-ch
MOSEFT turned off.
However it does not assure for the suppression of uprising device operation. In use of these products, please read through
and understand dissipation idea for absolute maximum ratings from the above mention or our ‘Semiconductor Reliability
Handbook’. Then use these products under absolute maximum ratings in any condition. Furthermore, Toshiba recommends
inserting failsafe system into the design.
VOUT
GND
VIN
CONTROL
CL
RL
LOAD
CIN
1.0
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com