Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK207G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCK207G
Description  0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK207G Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCK207G Datasheet HTML 1Page - Toshiba Semiconductor TCK207G Datasheet HTML 2Page - Toshiba Semiconductor TCK207G Datasheet HTML 3Page - Toshiba Semiconductor TCK207G Datasheet HTML 4Page - Toshiba Semiconductor TCK207G Datasheet HTML 5Page - Toshiba Semiconductor TCK207G Datasheet HTML 6Page - Toshiba Semiconductor TCK207G Datasheet HTML 7Page - Toshiba Semiconductor TCK207G Datasheet HTML 8Page - Toshiba Semiconductor TCK207G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TCK206G, TCK207G, TCK208G
2019-12-13
© 2019
Toshiba Electronic Devices & Storage Corporation
5
AC Characteristics (Ta = 25°C)
VIN = 0.75 V
Characteristics
Symbol
Test Condition(Figure 1)
Min
Typ.
Max
Unit
VOUT rise time
tr
RL=500
Ω , CL=0.1μF
―
180
―
μs
VOUT fall time
tf
RL=500
Ω , CL=0.1μF
TCK207G
TCK208G
―
50
―
μs
TCK206G
―
80
―
Turn on delay
tON
RL=500
Ω , CL=0.1μF
―
75
―
μs
Turn off delay
tOFF
RL=500
Ω , CL=0.1μF
TCK206G
TCK207G
―
8
―
μs
TCK208G
―
14
―
VIN = 1.2 V
Characteristics
Symbol
Test Condition(Figure 1)
Min
Typ.
Max
Unit
VOUT rise time
tr
RL=500
Ω , CL=0.1μF
―
240
―
μs
VOUT fall time
tf
RL=500
Ω , CL=0.1μF
TCK207G
TCK208G
―
50
―
μs
TCK206G
―
90
―
Turn on delay
tON
RL=500
Ω , CL=0.1μF
―
65
―
μs
Turn off delay
tOFF
RL=500
Ω , CL=0.1μF
TCK206G
TCK207G
―
8
―
μs
TCK208G
―
13
―
AC Waveform
TCK206G, TCK207G
TCK208G
Figure 1
tr, tf, tON, tOFF Waveforms
tr
tf
VOUT
10%
90%
90%
10%
VIH
VOUT
VCT
VOL
VOH
VIL
90%
tON
tOFF
50%
50%
10%
VIH
VOUT
VCT
VOL
VOH
VIL
90%
tON
tOFF
50%
50%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com