Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK207G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCK207G
Description  0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK207G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCK207G Datasheet HTML 1Page - Toshiba Semiconductor TCK207G Datasheet HTML 2Page - Toshiba Semiconductor TCK207G Datasheet HTML 3Page - Toshiba Semiconductor TCK207G Datasheet HTML 4Page - Toshiba Semiconductor TCK207G Datasheet HTML 5Page - Toshiba Semiconductor TCK207G Datasheet HTML 6Page - Toshiba Semiconductor TCK207G Datasheet HTML 7Page - Toshiba Semiconductor TCK207G Datasheet HTML 8Page - Toshiba Semiconductor TCK207G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TCK206G, TCK207G, TCK208G
2019-12-13
© 2019
Toshiba Electronic Devices & Storage Corporation
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCK206G, TCK207G, TCK208G
0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
The TCK206G, TCK207G and TCK208G are 0.75 V ultra low voltage load
switch ICs for a power management with slew rate control driver and reverse
current blocking(SW OFF state) function.
Switch ON resistance is only 18.4 m
Ω (typ.) at 0.75 V, -1.5 A condition and
output current is available up to 2.0 A (DC). TCK207G and TCK208G feature
output auto-discharge function.
These devices are available in 0.5 mm pitch ultra small package WCSP4C
(0.9 mm x 0.9 mm, t: 0.5 mm (typ.)). Thus, these devices are ideal for
portable applications that require high-density board assembly such as
cellular phone.
Feature
 Low input voltage operation: VIN = 0.75 to 3.6 V
 High output current: IOUT (DC) = 2.0 A
 Low ON resistance :
RON = 18.1 m
Ω (typ.) at VIN = 3.3 V, -1.5 A
RON = 18.2 m
Ω (typ.) at VIN = 1.2 V, -1.5 A
RON = 18.4 m
Ω (typ.) at VIN = 0.75 V, -1.5 A
 Built in Slew rate control driver
 Built in Reverse current blocking(SW OFF state)
 Built in Auto-discharge (TCK207G and TCK208G)
 Active High and Pull down connection between CONTROL and GND (TCK206G and TCK207G)
 Active Low (TCK208G)
 Ultra small package : WCSP4C (0.9 mm x 0.9 mm, t: 0.5 mm)
Pin Assignment(Top view)
Top marking
WCSP4C
Weight : 0.9 mg ( typ.)
CONTROL
(B2)
GND
(B1)
VIN
(A2)
VOUT
(A1)
Index
6L: TCK206G
7L: TCK207G
8L: TCK208G
Start of commercial production
2014-06


Similar Part No. - TCK207G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK207AN TOSHIBA-TCK207AN Datasheet
525Kb / 11P
0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
More results

Similar Description - TCK207G

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Dialog Semiconductor
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M611V DIALOG-SLG59M611V Datasheet
129Kb / 11P
Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M1563V DIALOG-SLG59M1563V Datasheet
94Kb / 9P
Ultra-small 22.5 m 2.5 A Load Switch with Reverse Blocking
logo
Toshiba Semiconductor
TCK207AN TOSHIBA-TCK207AN Datasheet
525Kb / 11P
0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M1639V RENESAS-SLG59M1639V Datasheet
597Kb / 15P
Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
4-Feb-2022
SLG59M1641V RENESAS-SLG59M1641V Datasheet
613Kb / 15P
Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
7-Feb-2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com