Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK207G Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCK207G
Description  0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK207G Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCK207G Datasheet HTML 1Page - Toshiba Semiconductor TCK207G Datasheet HTML 2Page - Toshiba Semiconductor TCK207G Datasheet HTML 3Page - Toshiba Semiconductor TCK207G Datasheet HTML 4Page - Toshiba Semiconductor TCK207G Datasheet HTML 5Page - Toshiba Semiconductor TCK207G Datasheet HTML 6Page - Toshiba Semiconductor TCK207G Datasheet HTML 7Page - Toshiba Semiconductor TCK207G Datasheet HTML 8Page - Toshiba Semiconductor TCK207G Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TCK206G, TCK207G, TCK208G
2019-12-13
© 2019
Toshiba Electronic Devices & Storage Corporation
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
-0.3 to 4.0
V
Control voltage
VCT
-0.3 to 4.0
V
Output voltage
VOUT
-0.3
to
VIN +0.3
V
Output current
IOUT
DC
2.0
A
Pulse
3.0
(Note 1)
A
Power dissipation
PD
800
(Note 2)
mW
Operating temperature range
Topr
−40 to 85
°C
Junction temeperature
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note : Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design
the
appropriate
reliability
upon
reviewing
the
Toshiba
Semiconductor
Reliability
Handbook
(“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated
failure rate, etc.).
Note1: 100
μs pulse, 2% duty cycle
Note2: Rating at mounting on a board
(Glass epoxy(FR4) board dimension : 40mm x 40mm, both sides of board
Metal pattern ratio : a surface approximately 50%, the reverse side approximately 50%
Through hole : diameter 0.5mm x 28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com