Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CD Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST8024CD
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST8024CD Datasheet HTML 2Page - STMicroelectronics ST8024CD Datasheet HTML 3Page - STMicroelectronics ST8024CD Datasheet HTML 4Page - STMicroelectronics ST8024CD Datasheet HTML 5Page - STMicroelectronics ST8024CD Datasheet HTML 6Page - STMicroelectronics ST8024CD Datasheet HTML 7Page - STMicroelectronics ST8024CD Datasheet HTML 8Page - STMicroelectronics ST8024CD Datasheet HTML 9Page - STMicroelectronics ST8024CD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ST8024
6/23
Table 7: Card Supply Voltage Characteristics (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz,
unless otherwise noted. Typical values are to Ta = 25°C) (Note 1)
Table 8: Crystal Connection (PINS XTAL1 AND XTAL2) (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz,
unless otherwise noted. Typical values are to Ta = 25°C)
Table 9: Data Lines (PINS I/O, I/OUC, AUX1, AUX2, AUX1UC AND AUX2UC) (VDD = 3.3V, VDDP = 5V,
fXTAL = 10MHz, unless otherwise noted. Typical values are to Ta = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CVCC
External Capacitance on pin
VCC
Notes 2 and 3
80
220
nF
VCC
Card Supply Voltage
(including ripple voltage)
Card Inactive; |ICC| = 0 mA 5 and 3V card
-0.1
0
0.1
V
Card Inactive; |ICC| = 1 mA 5 and 3V card
-0.1
0
0.3
Card Active; |ICC| < 80 mA
5 V card
4.75
5
5.25
Card Active; |ICC| < 65 mA
3 V card
2.85
3
3.15
Card Active; single current
pulse IP =-100 mA; tp=2 µs
5 V card
4.65
5
5.25
Card Active; single current
pulse IP =-100 mA; tp =2 µs
3 V card
2.76
3
3.20
Card active; current pulses,
QP = 40 nAs
5 V card
4.65
5
5.25
3 V card
2.76
3
3.20
Card Active; current pulses
QP =40 nAs with
|ICC| < 200mA, tp < 400 ns
5 V card
4.65
5
5.25
3 V card
2.76
3
3.20
VCC
(RIPPLE)
(P-P)
Ripple voltage on VCC
(Peak to Peak value)
fRIPPLE = 20 KHz to 200 MHz
350
mV
|ICC|
Card Supply Current
VCC = 0 to 5V
80
mA
VCC = 0 to 3V
65
VCC short circuit to GND
90
120
SR
Slew Rate
Slew up or down
0.08
0.15
0.22
V/µs
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CXTAL1,2 External capacitance on
pins XTAIL1, XTAIL2
Depends on type of crystal or resonator
used
15
pF
fXTAL
Crystal Frequency
2
26
MHz
fXTAL1
Frequency applied on pin
XTAL1
026
MHz
VIH
High level input voltage on
pin XTAIL1
0.7 VDD
VDD+0.3
V
VIL
Low level input voltage on
pin XTAIL1
-0.3
+0.3VDD
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tD(I/O-I/OUC),
tD(I/OUC-I/O)
I/O to I/OUC, I/OUC to I/O
falling edge delay
200
ns
tpu
Active pull-up pulse width
100
ns
fI/O(MAX)
Maximum frequency on
data lines
1MHz
CI
Input capacitance on data
lines
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com