Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CD Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST8024CD
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST8024CD Datasheet HTML 9Page - STMicroelectronics ST8024CD Datasheet HTML 10Page - STMicroelectronics ST8024CD Datasheet HTML 11Page - STMicroelectronics ST8024CD Datasheet HTML 12Page - STMicroelectronics ST8024CD Datasheet HTML 13Page - STMicroelectronics ST8024CD Datasheet HTML 14Page - STMicroelectronics ST8024CD Datasheet HTML 15Page - STMicroelectronics ST8024CD Datasheet HTML 16Page - STMicroelectronics ST8024CD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ST8024
13/23
If the card is in the reader (this is the case if PRES or PRES is active), the system microcontroller can start
a card session by pulling CMDVCC LOW. The following sequence then occurs (see Fig.6):
1. CMDVCC is pulled LOW and the internal oscillator changes to its high frequency (t0).
2. The voltage doubler is started (between t0 and t1).
3. VCC rises from 0 to 5 V (or 3 V) with a controlled slope (t2 = t1 + 1.5 x T) where T is 64 times the period
of the internal oscillator (approximately 25 µs).
4. I/O, AUX1 and AUX2 are enabled (t3 = t1 + 4T) (these were pulled LOW until this moment).
5. CLK is applied to the C3 contact of the card reader (t4).
6. RST is enabled (t5 = t1 + 7T).
The clock may be applied to the card using the following sequence (see Fig.5):
1. Set RSTIN HIGH.
2. Set CMDVCC LOW.
3. Reset RSTIN LOW between t3 and t5; CLK will start at this moment.
4. RST remains LOW until t5, when RST is enabled to be the copy of RSTIN.
5. After t5, RSTIN has no further affect on CLK; this allows a precise count of CLK pulses before toggling
RST.
If the applied clock is not needed, then CMDVCC may be set LOW with RSTIN LOW. In this case, CLK will
start at t3 (minimum 200 ns after the transition on I/O), and after t5, RSTIN may be set HIGH in order to
obtain an Answer To Request (ATR) from the card.
Activation should not be performed with RSTIN held permanently HIGH.
Table 21: Card presence indicator
Figure 5: Activation sequence using RSTIN and CMDVCC
OFF
CMDVCC
INDICATION
H
H
card present
L
H
card not present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com