Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CD Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST8024CD
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST8024CD Datasheet HTML 7Page - STMicroelectronics ST8024CD Datasheet HTML 8Page - STMicroelectronics ST8024CD Datasheet HTML 9Page - STMicroelectronics ST8024CD Datasheet HTML 10Page - STMicroelectronics ST8024CD Datasheet HTML 11Page - STMicroelectronics ST8024CD Datasheet HTML 12Page - STMicroelectronics ST8024CD Datasheet HTML 13Page - STMicroelectronics ST8024CD Datasheet HTML 14Page - STMicroelectronics ST8024CD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ST8024
11/23
Figure 4: Voltage supervisor
WITH AN EXTERNAL DIVIDER ON PIN PORADJ
If an external resistor bridge is connected to pin PORADJ (R1 and R2 in Fig.1), then the following occurs:
- The internal threshold voltage Vth2 is overridden by the external voltage and by the hysteresis, therefore:
Vth2(ext)(rise) = (1 + R1/R2) x (Vbridge + Vhys(ext)/2)
Vth2(ext)(fall) = (1 + R1/R2) x (Vbridge - Vhys(ext)/2)
where Vbridge = 1.18 V typ. and Vhys(ext) = 60 mV typ.
- The reset pulse width tW is doubled to approximately 16 ms.
Input PORADJ is biased internally with a pull-down current source of 4 µA which is removed when the
voltage on pin PORADJ exceeds 1 V.
This ensures that after detection of the external bridge by the IC during power-on, the input current on pin
PORADJ does not cause inaccuracy of the bridge voltage.
The minimum threshold voltage should be higher than 2 V. The maximum threshold voltage may be up to
VDD.
APPLICATION EXAMPLES
The voltage supervisor is used as Power-on reset and as supply dropout detection during a card session.
Supply dropout detection is to ensure that a proper deactivation sequence is followed before the voltage
is too low. For the internal voltage supervisor to function, the system microcontroller should operate down
to 2.35 V to ensure a proper deactivation sequence. If this is not possible, external resistor values can be
chosen to overcome the problem.
CLOCK CIRCUITRY
The card clock signal (CLK) is derived from a clock signal input to pin XTAL1 or from a crystal operating
at up to 26 MHz connected between pins XTAL1 and XTAL2.
The clock frequency can be fXTAL, 1 /2 x fXTAL, 1 /4 x fXTAL or 1 /8 x fXTAL. Frequency selection is made
via inputs CLKDIV1 and CLKDIV2 (see Table 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com