Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CD Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST8024CD
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CD Datasheet(HTML) 5 Page - STMicroelectronics

  ST8024CD Datasheet HTML 1Page - STMicroelectronics ST8024CD Datasheet HTML 2Page - STMicroelectronics ST8024CD Datasheet HTML 3Page - STMicroelectronics ST8024CD Datasheet HTML 4Page - STMicroelectronics ST8024CD Datasheet HTML 5Page - STMicroelectronics ST8024CD Datasheet HTML 6Page - STMicroelectronics ST8024CD Datasheet HTML 7Page - STMicroelectronics ST8024CD Datasheet HTML 8Page - STMicroelectronics ST8024CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ST8024
5/23
Table 5: Electrical Characteristics Over Recommended Operating Conditions (VDD = 3.3V, VDDP =
5V, fXTAL = 10MHz, unless otherwise noted. Typical values are to Ta = 25°C)
Table 6: Step-up Converter (VDD = 3.3V, VDDP = 5V, fXTAL = 10MHz, unless otherwise noted. Typical
values are to Ta = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
2.7
6.5
V
VDDP
Supply Voltage for the
voltage doubler
VCC = 5V; |ICC| < 80 mA
4.0
5
6.5
V
VCC = 5V; |ICC| < 20 mA
3.0
6.5
IDD
Supply Current
Card Inactive
1.2
mA
Card Active; fCLK = fXTAL; CL = 30pF
1.5
IDDP
DC/DC converter Supply
Current
Inactive mode
0.1
mA
Active mode; fCLK = fXTAL; CL = 30pF;
|ICC| = 0
10
VCC = 5V; |ICC| = 80 mA
200
VCC = 3V; |ICC| = 65 mA
100
Vth2
Falling Threshold Voltage
on VDD
no external resistors at pin PORADJ;
VDD level falling
2.35
2.45
2.55
V
VHYS2
Hysteresis of Threshold
Voltage Vth2
no external resistors at pin PORADJ
50
100
150
mV
Vth(ext)rise External rising Threshold
Voltage on VDD
external resistor bridge at pin PORADJ;
VDD level rising
1.18
1.21
1.24
V
Vth(ext)fall External falling Threshold
Voltage on VDD
external resistor bridge at pin PORADJ;
VDD level falling
1.12
1.15
1.18
V
VHYS(ext) Hysteresis of Threshold
Voltage Vth(ext)
external resistor bridge at pin PORADJ
30
60
90
mV
∆VHYS(ext) Hysteresis of Threshold
Voltage Vth(ext) variation
with temperature
external resistor bridge at pin PORADJ
0.25
mV/K
tW
Width of internal Power-On
reset pulse
no external resistor at pin PORADJ
4
8
12
ms
external resistor bridge at pin PORADJ
8
16
24
IL
Leakage current on pin
PORADJ
VPORADJ < 0.5 V
-0.1
4
10
µA
VPORADJ > 1.0 V
-1
1
PTOT
Total power dissipation
Continuous operation; Ta = -25 to 85°C
0.56
W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fCLK
Clock Frequency
Card active
2.2
3.2
MHz
Vth(vd-vf) Threshold voltage for
Step-up Converter to
change to voltage follower
5 V card
5.2
5.8
6.2
V
3 V card
3.8
4.1
4.4
VUP(av)
Output Voltage on pin VUP
(average value)
VCC = 5 V
5.2
5.7
6.2
V
VCC = 3 V; VDDP = 3.3 V
3.5
3.9
4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com