Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CD Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST8024CD
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST8024CD Datasheet HTML 11Page - STMicroelectronics ST8024CD Datasheet HTML 12Page - STMicroelectronics ST8024CD Datasheet HTML 13Page - STMicroelectronics ST8024CD Datasheet HTML 14Page - STMicroelectronics ST8024CD Datasheet HTML 15Page - STMicroelectronics ST8024CD Datasheet HTML 16Page - STMicroelectronics ST8024CD Datasheet HTML 17Page - STMicroelectronics ST8024CD Datasheet HTML 18Page - STMicroelectronics ST8024CD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ST8024
15/23
Figure 7: Deactivation sequence
VCC GENERATOR
The VCC generator has a capacity to supply up to 80 mA continuously at 5 V and 65 mA at 3 V. An internal
overload detector operates at approximately 120 mA. Current samples to the detector are internally
filtered, allowing spurious current pulses up to 200 mA with a duration in the order of µs to be drawn by the
card without causing deactivation. The average current must stay below the specified maximum current
value. For reasons of VCC voltage accuracy, a 100 nF capacitor with an ESR < 100 mΩ should be tied to
CGND near to pin VCC, and 100 nF capacitor with the same ESR should be tied to CGND near card
reader contact C1.
FAULT DETECTION
The following fault conditions are monitored:
- Short-circuit or high current on VCC
- Removal of a card during a transaction
- VDD dropping
- DC/DC converter operating out of the specified values (VDDP too low or current from VUP too high)
- Overheating.
There are two different cases (see Fig.8):
- CMDVCC HIGH outside a card session. Output OFF is LOW if a card is not in the card reader, and HIGH
if a card is in the reader. A voltage drop on the VDD supply is detected by the supply supervisor, this
generates an internal Power-on reset pulse but does not act upon OFF. No short-circuit or overheating is
detected because the card is not powered-up.
- CMDVCC LOW within a card session. Output OFF goes LOW when a fault condition is detected. As
soon as this occurs, an emergency deactivation is performed automatically (see Fig.9). When the system
controller resets CMDVCC to HIGH it may sense the OFF level again after completing the deactivation
sequence. This distinguishes between a hardware problem or a card extraction (OFF goes HIGH again if
a card is present).
Depending on the type of card-present switch within the connector (normally-closed or normally-open)
and on the mechanical characteristics of the switch, bouncing may occur on the PRES signals at card
insertion or withdrawal.
There is a debounce feature in the device with an 8 ms typical duration (see Fig.8). When a card is
inserted, output OFF goes HIGH only at the end of the debounce time.
When the card is extracted, an automatic deactivation sequence of the card is performed on the first true/
false transition on PRES or PRES and output OFF goes LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com