Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024CD Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST8024CD
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024CD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST8024CD Datasheet HTML 10Page - STMicroelectronics ST8024CD Datasheet HTML 11Page - STMicroelectronics ST8024CD Datasheet HTML 12Page - STMicroelectronics ST8024CD Datasheet HTML 13Page - STMicroelectronics ST8024CD Datasheet HTML 14Page - STMicroelectronics ST8024CD Datasheet HTML 15Page - STMicroelectronics ST8024CD Datasheet HTML 16Page - STMicroelectronics ST8024CD Datasheet HTML 17Page - STMicroelectronics ST8024CD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ST8024
14/23
Figure 6: Activation sequence at t3
ACTIVE MODE
When the activation sequence is completed, the ST8024 will be in its active mode. Data are exchanged
between the card and the microcontroller via the I/O lines.
The ST8024 is designed for cards without VPP (the voltage required to program or erase the internal
non-volatile memory).
DEACTIVATION SEQUENCE
When a session is completed, the microcontroller sets the CMDVCC line HIGH. The circuit then executes
an automatic deactivation sequence by counting the sequencer back and finishing in the inactive mode
(see Fig.7):
1. RST goes LOW (t10).
2. CLK is held LOW (t12 = t10 + 0.5 x T) where T is 64 times the period of the internal oscillator
(approximately 25 µs).
3. I/O, AUX1 and AUX2 are pulled LOW (t13 = t10 + T).
4. VCC starts to fall towards zero (t14 = t10 + 1.5 x T).
5. The deactivation sequence is complete at tde, when VCC reaches its inactive state.
6. VUP falls to zero (t15 = t10 + 5T) and all card contacts become low-impedance to GND; I/OUC, AUX1UC
and AUX2UC remain at VDD (pulled-up via a 11 kΩ resistor).
7. The internal oscillator returns to its lower frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com