Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACBV Datasheet(PDF) 96 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 96 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 92Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 93Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 94Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 95Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 96Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 97Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 98Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 99Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 100Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 131 page
background image
UART Optical Isolation
The daisy-chain may use optical isolation instead of trans-
former or capacitor isolation (see Figure 68).
Device Initialization Sequence
Immediately after reset, all device addresses are set to
0x00 and the UART baud rate and receive modes have not
been autodetected; therefore, the following initialization
sequence is recommended after every reset or after any
change to the hardware configuration for differential mode:
After the daisy-chain is initialized, each device should be
configured for operation as follows:
1) Perform a READALL of the status registers:
The ALRTRST bit should be set in all devices to
signify a reset occurred.
Check for other unexpected alerts.
2) Clear the ALRTRST bit on each device so that future
unintended resets can be detected.
3) Change configuration registers as necessary with
WRITEALL commands:
Configure the alert enables and alert thresholds
required by the application.
Configure the acquisition mode.
4) Perform all necessary key-on diagnostics.
5) Start the acquisition cycle.
6) Continuously monitor diagnostic and alert status bits.
7) Periodically perform additional diagnostics, as
required by the application.
Error Checking
Data integrity is provided by Manchester encoding, par-
ity, character framing, and packet-error checking (PEC).
The combination of these features verify stage-to-stage
communication both in the write and read directions, with
a hamming distance (HD) value of 6 for commands with
a length up to 247 bits (counted prior to Manchester-
encoding and character framing. This is equivalent to the
longest possible command packet for a daisy-chain of
up to 13 devices. The data-check byte is present in the
READALL and READDEVICE commands to verify that
the entire command propagated without errors. Using the
data-check and PEC bytes, complete transaction integrity
for READALL and READDEVICE command packets can
be verified.
PEC Errors
If the device receiver receives an invalid PEC byte, the
ALRTPEC bit is set in the STATUS register. A device does
not execute any write command unless the received PEC
matches the calculated PEC so to verify the write com-
mand execution, the host should perform a READALL to
verify the contents of the written register.
For returned read packets, the host should store the
received data, perform the PEC calculation, and compare
the results to the received PEC byte before considering the
data to be valid. To support PEC, the host must implement
an 8-bit cyclic redundancy check (CRC-8) encoding and
decoding algorithm based on the following polynomial:
P(x) = x8 + x6 + x3 + x2 + 1
Figure 68. UART Optical Isolation
RXLP
CFILTER
15pF
RFILTER
1.5kΩ
VAA
FROM UART
DATA SOURCE
ACPL-M72T
3.3V
TO UART
DATA SOURCE
ACPL-M72T
ROPTO
RXLN
GNDL
TXLN
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com