Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACBV Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 7Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 8Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 9Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 10Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 11Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 12Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 13Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 14Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
Figure 1. Simplified Operating Circuit
CELL #1
MODULE N+1
CELL STACK
MAX17843
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
DCIN
HV
AUXIN2
AUXIN1
THRM
VDDL1
VAA
AGND
MODULE+(N)
CPP
CPN
MODULE-(N)
MODULE-(N+1)
GPIO0
GPIO1
MODULE
N-1 CELL
STACK
SW1
SW2
SW3
SW4
SW5
SW6
SW7
SW8
SW9
SW10
SW11
SW12
CELL #2
CELL #3
CELL #4
CELL #5
CELL #6
CELL #7
CELL #8
CELL #9
CELL #10
CELL #11
CELL #12
MAX178xx
MODULE n-1,
ISOLATOR, OR
INTERFACE IC
UART DAISY-CHAIN FROM
LOWER MODULE OR
SYSTEM CONTROLLER
SW0
RXLN
RXUP
RXUN
MAX178xx
MODULE n+1
UART DAISY-CHAIN FROM
UPPER MODULE OR
SYSTEM CONTROLLER
TXLP
TXLN
CELL INPUT
FILTER
INTERFACE
CIRCUIT
DCIN INPUT
CIRCUIT
ANALOG AUX
INPUT INTERFACE
CIRCUIT
GPIO INTERFACE
CIRCUIT
AGND
UPPER PORT
COMMUNICATION
INTERFACE CIRCUIT
SHDNL/
RXLP
TXUP
TXUN
LOWER PORT
COMMUNICATION
INTERFACE CIRCUIT
AGND
GNDL1
VBLKP
TXUP
RXLP
RXLN
TXUN
TXLN
TXLP
RXUP
RXUN
C82
0.1µF
100V
C81
3.3µF
25V
C83
1.0µF
GPIO2
GPIO3
C87
1.0nF
25V
CAPACITOR RATINGS SHOWN IN THIS DATASHEET ARE BASED ON EXPECTED
REFERENCE CIRCUIT CONDITIONS AND MAY BE MODIFIED BASED ON FINAL
APPLICATION REQUIREMENTS.
D91
D90
C85
0.47µF
VDDL2
GNDL2
C84
0.47µF
D81
SW12
C86
0.47µF
VDDL3
GNDL3
DCIN
R80
40Ω
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 11
Simplified Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com