Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACBV Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 24Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 25Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 26Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 27Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 28Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 29Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 30Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 31Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 131 page
background image
Once the signal is properly conditioned, the ADC can start
the conversion. The 12-bit conversion is stored in an ALU
register where it can be averaged with subsequent con-
versions. The ALU output is a 14-bit value and is ultimately
stored in a 16-bit register with the two least-significant bits
zero. Disabled channels result in a measurement value of
0000h. Unless stated otherwise, measurement values are
assumed to be 14-bit values. The 16-bit register values
can be converted to 14-bit values by dividing by 4 (and
vice versa). To convert the measurement value in register
CELLn to a voltage, convert the 14-bit hexadecimal value
to a decimal value and then convert to voltage as follows:
VCELLn = CELLn[15:2] x 5V/16384 = CELLn[15:2] x
305.176μV.
Input Range
The input range in unipolar mode is nominally 0 to 5V;
however, the ADC has reduced linearity at its range
extents and so accuracy is specified for the input range
0.2V to 4.8V. Some applications may require specified
accuracy below 0.2V, or even below 0V. To this end, the
bipolar mode (POLARITY = 1) has a nominal input range
of -2.5V to +2.5V, as shown in Table 4, with accuracy
specified from -2.3V to +2.3V.
The input range can effectively be extended from -2.5V to
+5V by taking one bipolar measurement and one unipo-
lar measurement. Any bipolar measurements over 2.3V
should be replaced with the unipolar measurement.
Note: Conversions for some diagnostic modes automati-
cally use either bipolar or unipolar mode, regardless of the
POLARITY bit value.
Block Voltage Input
The VBLKP input (total module voltage) is selected for
measurement by MEASUREEN14. The measurement
is stored in the VBLOCK register with a full-scale value
of 60V (3.662mV/bit). It can be compared to the sum
of the cell voltages as a diagnostic. To precondition
VBLKP for conversion, it is voltage-divided by a factor of
26. The divider is disconnected by default to minimize
power consumption. The divider is connected by setting
MEASUREEN15 (BLKCONNECT = 1) with sufficient set-
tling time prior to the acquisition. For high acquisition rates,
BLKCONNECT can remain enabled to reduce cycle time.
Table 4. Input Range
Figure 7. VBLKP Measurement
CELL INPUT VOLTAGE
CELLN[15:2] (14 BITS)
CELLN[15:0]
(16 BITS)
BIPOLAR MODE (V)
UNIPOLAR MODE (V)
HEXADECIMAL
DECIMAL
-2.5
0
0000h
0d
0000h
0
2.5
2000h
8192d
8000h
+2.5
5
3FFFh
16383d
FFFCh
+
LV
MUX
ADC
VREF
VTHRM
VBLKP
AGND
R2 = 384.5kΩ
R1 = 10MΩ – R2
VBLKP/26
-
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com