Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACBV Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # MAX17843ACBV
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 42Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 43Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 44Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 45Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 46Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 47Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 48Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 49Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 131 page
background image
Oscillators
Two factory-trimmed oscillators provide all timing require-
ments: a 16MHz oscillator for the UART and control logic,
and a 32.768kHz oscillator for HV charge pump and tim-
ers. A special diagnostic counter clocked by the 16MHz
signal is employed to check the 32kHz oscillator. Every two
periods of the 32kHz clock, the counter is sampled. If the
count varies more than 5% from the expected value, the
ALRTOSC1 bit is set, as shown in Table 19. A redundant
alert bit (ALRTOSC2) increases the integrity level. If the
16MHz oscillator varies by more than 5%, communication
errors are indicated.
Device ID Number
The ID1[15:0] register, together with ID2[7:0], contain a
24-bit manufacturing identification number (DEVID[23:0]).
The ID, combined with the manufacturing date, provides
a means of uniquely identifying each device. A device ID
of zero is invalid.
Power-On And Shutdown
Applications that remain connected continuously to the
power source rely on the SHDNL input to shut down and
reset the device. When VSHDNL < 0.6V, the regulator is
disabled, the POR signal asserted, and the device goes
into an ultra-low-power-shutdown mode. When VSHDNL
> 1.8V, POR is deasserted, the regulator is enabled, and
the device becomes fully operational in the standby mode.
Power-On Method
The SHNDL input can be driven externally, or can be
controlled using UART communication only. In differential
mode, the signaling on the lower-port receiver drives an
internal charge pump that charges up the external 1nF
capacitor connected to the SHDNL input (see Figure 23).
VSHDNL reaches 1.8V in 200μs (typ). The charge pump
then self-regulates to VSHDNLIMIT and can maintain
VSHDNL at a logic-one even with the UART in idle 98%
of the time.
Table 19. Oscillator Diagnostics
Figure 23. SHDNL Charge Pump
FAULT
CONDITION
ALERT BIT
LOCATION
32.768kHz oscillator
31.129kHz > fosc_32k > 34.406kHz
ALRTOSC1
FMEA115
32.768kHz oscillator
31.129kHz > fosc_32k > 34.406kHz
ALRTOSC2
FMEA114
16MHz oscillator
15MHz > fosc_32k > 17MHz
ALRTMAN or ALRTPAR
STATUS4, or STATUS2
C42
2nF 600V
C43
2nF 600V
C40
15pF
C41
15pF
R40
4.7kΩ
R42
100kΩ
R43
100KΩ
R41
4.7kΩ
FROM DEVICE (n-1)
TRANSMITTER
CIRCUIT
C44
1nF
(CSHDNL)
DCIN
10MΩ
FORCEPOR
TO RECEIVER
TO RECEIVER
RXLP
RXLN
GNDL
SHDNL
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com